Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS463B Datasheet(PDF) 45 Page - ATMEL Corporation

Part # TSS463B
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463B Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button TSS463B Datasheet HTML 41Page - ATMEL Corporation TSS463B Datasheet HTML 42Page - ATMEL Corporation TSS463B Datasheet HTML 43Page - ATMEL Corporation TSS463B Datasheet HTML 44Page - ATMEL Corporation TSS463B Datasheet HTML 45Page - ATMEL Corporation TSS463B Datasheet HTML 46Page - ATMEL Corporation TSS463B Datasheet HTML 47Page - ATMEL Corporation TSS463B Datasheet HTML 48Page - ATMEL Corporation TSS463B Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
45
TSS463B
4102E–AUTO–12/04
The second case is that another module on the bus replies with an in-frame reply. In this
case the message type will pass immediately into the after reception state, without pass-
ing the after transmission state.
In the third case the TSS463B has not yet started to transmit the reply request, when
another module either requests a reply, and gets it, or transmits a deferred reply. Warn-
ing! This should be avoided as it may result in an illegal message type (Illegal reply
Request).
The immediate Reply Message will attempt to transmit an in-frame reply, using the data
in the message buffer.
Above a Deferred Reply Message is shown. This message type will immediately trans-
mit a deferred reply frame.
Finally there is the Reply Request Detector Message type. Its purpose is to receive a
reply request frame and notify the processor, without transmitting an in-frame reply.
The table above shows all inactive messages types. The last combination will transmit a
reply request, but will not receive the reply since its buffer is tagged as occupied.
Reply Request Message without transmission
RNW
RTR
CHTx
CHRx
Initial setup
1
1
Don’t care
0
After reception
1
1
Unchanged
1
Immediate Reply Message
RNW
RTR
CHTx
CHRx
Initial setup
1
0
0
0
After transmission
1
0
1
1
Deferred Reply Message
RNW
RTR
CHTx
CHRx
Initial setup
1
0
0
1
After reception
(of reply request)
10
1
1
Reply Request Detection Message
RNW
RTR
CHTx
CHRx
Initial setup
1
0
1
0
After reception
1
0
1
1
Inactive Message
RNW
RTR
CHTx
CHRx
Recommended
Don’t care
Don’t care
1
1
After transmission
0
0
1
Don’t care
After reception
0
1
Don’t care
1
Illegal reply request
1
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com