Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS463B Datasheet(PDF) 49 Page - ATMEL Corporation

Part # TSS463B
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463B Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button TSS463B Datasheet HTML 45Page - ATMEL Corporation TSS463B Datasheet HTML 46Page - ATMEL Corporation TSS463B Datasheet HTML 47Page - ATMEL Corporation TSS463B Datasheet HTML 48Page - ATMEL Corporation TSS463B Datasheet HTML 49Page - ATMEL Corporation TSS463B Datasheet HTML 50Page - ATMEL Corporation TSS463B Datasheet HTML 51Page - ATMEL Corporation TSS463B Datasheet HTML 52Page - ATMEL Corporation TSS463B Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
49
TSS463B
4102E–AUTO–12/04
Figure 33. Disable Channel After Rearbitrate
In this case, the TSS463B completes the current attempt (Ch8) and lets the transmission go into the new channel (Ch5 if
validated), otherwise it stops all attempts on the current channel.
Abort
An abort command is dedicated to channels already enabled in transmission or in in-
frame response. For example, this command can be used to break the retry procedure
on one channel.
Abort channel is done by setting the Error bit (CHER) in the Message Length and Status
Register (base_address + 0x02). This command is taken into account if the channel
aborted is not transmitted. When this abort command is really done, the TSS463B set to
1 the Transmitted bit (CHTx) of the Message Length and Status Register.
The abort mechanism is integrated into the transmit function. This mainly means, abort,
priority and retries live together in the transmit function.
Set CHTx/Ch5 & ITTOK
Set CHER & CHTx /Ch5,
Ex: setACKE status bit
stand-by
Second attempt Xmit Ch5
Ex: ACK Error
(not seen by application)
(Retries - 1)
EOF+IFS
stand-by
(1) The disable is applied setting the CHTx/Ch8 bit to 1.
and set ITTE
KO
OK
Delay
Delay
Delay
Viol
Viol
Viol
EOF+IFS: 8 + 4 Timeslots
Delay Viol: 12 Timeslots



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com