Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPLD Datasheet(PDF) 3 Page - Altera Corporation

Part # EPLD
Description  The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPLD Datasheet(HTML) 3 Page - Altera Corporation

  EPLD Datasheet HTML 1Page - Altera Corporation EPLD Datasheet HTML 2Page - Altera Corporation EPLD Datasheet HTML 3Page - Altera Corporation EPLD Datasheet HTML 4Page - Altera Corporation EPLD Datasheet HTML 5Page - Altera Corporation EPLD Datasheet HTML 6Page - Altera Corporation EPLD Datasheet HTML 7Page - Altera Corporation EPLD Datasheet HTML 8Page - Altera Corporation EPLD Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Altera Corporation
747
Classic EPLD Family Data Sheet
f For more information, see the MAX+PLUS II Programmable Logic
Development System & Software Data Sheet.
Functional
Description
The Classic architecture includes the following elements:
s
Macrocells
s
Programmable registers
s
Output enable/clock select
s
Feedback select
Macrocells
Classic macrocells, shown in Figure 1, can be individually configured for
both sequential and combinatorial logic operation. Eight product terms
form a programmable-AND array that feeds an OR gate for combinatorial
logic implementation. An additional product term is used for
asynchronous clear control of the internal register; another product term
implements either an output enable or a logic-array-generated clock.
Inputs to the programmable-AND array come from both the true and
complement signals of the dedicated inputs, feedbacks from I/O pins that
are configured as inputs, and feedbacks from macrocell outputs. Signals
from dedicated inputs are globally routed and can feed the inputs of all
device macrocells. The feedback multiplexer controls the routing of
feedback signals from macrocells and from I/O pins. For additional
information on feedback select configurations, see Figure 3 on page 749.
Figure 1. Classic Device Macrocell
To Logic Array
Output Enable/Clock Select
Global
Clock
OE
CLK
Programmable
Register
Input, I/O, and
Macrocell
Feedbacks
Logic Array
Feedback
Select
CLR
Q
Asynchronous Clear
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com