Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPLD Datasheet(PDF) 38 Page - Altera Corporation

Part # EPLD
Description  The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPLD Datasheet(HTML) 38 Page - Altera Corporation

Back Button EPLD Datasheet HTML 34Page - Altera Corporation EPLD Datasheet HTML 35Page - Altera Corporation EPLD Datasheet HTML 36Page - Altera Corporation EPLD Datasheet HTML 37Page - Altera Corporation EPLD Datasheet HTML 38Page - Altera Corporation EPLD Datasheet HTML 39Page - Altera Corporation EPLD Datasheet HTML 40Page - Altera Corporation EPLD Datasheet HTML 41Page - Altera Corporation EPLD Datasheet HTML 42Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
782
Altera Corporation
Classic EPLD Family Data Sheet
Notes to tables:
(1)
See the Operating Requirements for Altera Devices Data Sheet in this data book.
(2)
Numbers in parentheses are for industrial-temperature-range devices.
(3)
The minimum DC input is –0.3 V. During transitions, the inputs may undershoot to –2.0 V or overshoot to 7.0 V for
input currents less than 100 mA and periods less than 20 ns.
(4)
Maximum VCC rise time is 50 ms.
(5)
For EP1810 clocks: tR and tF = 100 ns (50 ns for industrial-temperature-range versions).
(6)
Typical values are for TA = 25° C and VCC = 5 V.
(7)
These values are specified in Table 24 on page 781.
(8)
The IOH parameter refers to high-level TTL or CMOS output current; the IOL parameter refers to low-level TTL
output current.
(9)
The device capacitance is measured at 25° C and is sample-tested only.
(10) Measured with a device programmed as four 12-bit counters.
Table 26. EP1810 Device Capacitance
Note (9)
Symbol
Parameter
Conditions
Min
Max
Unit
CIN
Input pin capacitance
VIN = 0 V, f = 1.0 MHz
20
pF
CIO
I/O pin capacitance
VOUT = 0 V, f = 1.0 MHz
20
pF
CCLK1
CCLK1 pin capacitance
VIN = 0 V, f = 1.0 MHz
25
pF
CCLK2
CCLK2 pin capacitance
VIN = 0 V, f = 1.0 MHz
160
pF
Table 27. EP1810 Device ICC Supply Current
Notes (2), (6), (7)
Symbol
Parameter
Conditions
Speed
Grade
Min
Typ
Max
Unit
ICC1
VCC supply current
VI = VCC or ground, no load,
(10)
-20, -25
50
150
µA
(non-Turbo, standby)
-35, -45
35
150
µA
ICC2
VCC supply current
VI = VCC or ground, no load,
f = 1.0 MHz
(10)
-20, -25
20
40
mA
(non-Turbo, active)
-35, -45
10
30 (40)
mA
ICC3
VCC supply current (Turbo, active)
VI = VCC or ground, no load
f = 1.0 MHz
(10)
-20, -25
180
225 (250)
mA
-35, -45
100
180 (240)
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com