Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPLD Datasheet(PDF) 33 Page - Altera Corporation

Part # EPLD
Description  The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPLD Datasheet(HTML) 33 Page - Altera Corporation

Back Button EPLD Datasheet HTML 29Page - Altera Corporation EPLD Datasheet HTML 30Page - Altera Corporation EPLD Datasheet HTML 31Page - Altera Corporation EPLD Datasheet HTML 32Page - Altera Corporation EPLD Datasheet HTML 33Page - Altera Corporation EPLD Datasheet HTML 34Page - Altera Corporation EPLD Datasheet HTML 35Page - Altera Corporation EPLD Datasheet HTML 36Page - Altera Corporation EPLD Datasheet HTML 37Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
Altera Corporation
777
EP1810 EPLD
Features
s
High-performance, 48-macrocell Classic EPLD
–
Combinatorial speeds with tPD as fast as 20 ns
–
Counter frequencies of up to 50 MHz
–
Pipelined data rates of up to 62.5 MHz
s
Programmable I/O architecture with up to 64 inputs or 48 outputs
s
Programmable clock option for independent clocking of all registers
s
Macrocells individually programmable as D, T, JK, or SR flipflops, or
for combinatorial operation
s
Available in the following packages (see Figure 15)
–
68-pin ceramic pin-grid array (PGA)
–
68-pin plastic J-lead chip carrier (PLCC)
Figure 15. EP1810 Package Pin-Out Diagrams
Package outlines not drawn to scale. See Table 32 on page 785 of this data sheet for PGA package pin-out information.
Windows in ceramic packages only.
68-Pin PGA
L
K
J
H
G
F
E
D
C
B
A
Bottom
View
1
2
3
4
5
6
7
8
9
10 11
EP1810
EP1810
68-Pin PLCC
I/O
I/O
I/O
I/O
INPUT
INPUT
INPUT
CLK1/INPUT
VCC
CLK2/INPUT
INPUT
INPUT
INPUT
INPUT
INPUT
INPUT
I/O
I/O
I/O
I/O
I/O
INPUT
INPUT
INPUT
CLK4/INPUT
VCC
CLK3/INPUT
INPUT
INPUT
INPUT
I/O
I/O
I/O
I/O
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com