Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN340SP Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN340SP
Description  QUAD HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN340SP Datasheet(HTML) 1 Page - STMicroelectronics

  VN340SP Datasheet HTML 1Page - STMicroelectronics VN340SP Datasheet HTML 2Page - STMicroelectronics VN340SP Datasheet HTML 3Page - STMicroelectronics VN340SP Datasheet HTML 4Page - STMicroelectronics VN340SP Datasheet HTML 5Page - STMicroelectronics VN340SP Datasheet HTML 6Page - STMicroelectronics VN340SP Datasheet HTML 7Page - STMicroelectronics VN340SP Datasheet HTML 8Page - STMicroelectronics VN340SP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
August 2000
1/9
®
1
VN340SP
QUAD HIGH SIDE SMART
POWER SOLID STATE RELAY
n OUTPUT CURRENT : 0.7A PER CHANNEL
n DIGITAL I/O’s CLAMPED AT 32V MINIMUM
VOLTAGE
n SHORTED LOAD AND OVERTEMPERATURE
PROTECTIONS
n PROTECTION AGAINST LOSS OF GROUND
n BUILT-IN CURRENT LIMITER
n UNDERVOLTAGE SHUT-DOWN
n OPEN DRAIN DIAGNOSTIC OUTPUT
n FAST DEMAGNETIZATION OF INDUCTIVE
LOADS
n CONFORMS TO IEC 1131-2
DESCRIPTION
The VN340SP is a monolithic device made using
STMicroelectronics VIPower technology, intended
for driving four indipendent resistive or inductive
loads with one side connected to ground. Active
current limitation avoids dropping the system
power supply in case of shorted load. Built-in
thermal
shut-down
protects
the
chip
from
overtemperature and short circuit. The open drain
diagnostic
output
indicates
overtemperature
conditions. Each I/O is
pulled down when
overtemperature condition of the relative channel
is verified.
TYPE
Vdemag(*) RDSon (*)
Iout (*)
Vcc
VN340SP
Vcc-55V
0.2
Ω
0.7A
36 V
1
BLOCK DIAGRAM
(*) Per channel
PowerSO-10TM
1
10


Similar Part No. - VN340SP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN340SP-33-E STMICROELECTRONICS-VN340SP-33-E Datasheet
210Kb / 16P
Quad high side smart Power solid state relay
19-Mar-2007
VN340SP-33-E STMICROELECTRONICS-VN340SP-33-E Datasheet
236Kb / 16P
Quad high side smart power solid state relay
22-Aug-2008
VN340SP-33-E STMICROELECTRONICS-VN340SP-33-E_08 Datasheet
236Kb / 16P
Quad high side smart power solid state relay
22-Aug-2008
VN340SP-E STMICROELECTRONICS-VN340SP-E Datasheet
211Kb / 16P
Quad high side smart Power solid state relay
05-Mar-2007
VN340SPTR-33-E STMICROELECTRONICS-VN340SPTR-33-E Datasheet
236Kb / 16P
Quad high side smart power solid state relay
22-Aug-2008
More results

Similar Description - VN340SP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN330SP STMICROELECTRONICS-VN330SP Datasheet
69Kb / 9P
QUAD HIGH SIDE SMART POWER SOLID STATE RELAY
Feb-1999
VN330SP-32-E STMICROELECTRONICS-VN330SP-32-E Datasheet
158Kb / 14P
QUAD HIGH SIDE SMART POWER SOLID STATE RELAY
05-Sep-2005
VN330SP-E STMICROELECTRONICS-VN330SP-E Datasheet
204Kb / 15P
Quad high side smart Power solid state relay
27-Mar-2007
VNI4140K STMICROELECTRONICS-VNI4140K Datasheet
527Kb / 23P
Quad high side smart power solid state relay
19-Mar-2012
VN340SP-E STMICROELECTRONICS-VN340SP-E Datasheet
211Kb / 16P
Quad high side smart Power solid state relay
05-Mar-2007
VN340SP-33-E STMICROELECTRONICS-VN340SP-33-E Datasheet
210Kb / 16P
Quad high side smart Power solid state relay
19-Mar-2007
VN330SP-32-E STMICROELECTRONICS-VN330SP-32-E_07 Datasheet
204Kb / 15P
Quad high side smart Power solid state relay
19-Mar-2007
VN340SP-33-E STMICROELECTRONICS-VN340SP-33-E_08 Datasheet
236Kb / 16P
Quad high side smart power solid state relay
22-Aug-2008
VNI4140K-32 STMICROELECTRONICS-VNI4140K-32 Datasheet
525Kb / 26P
Quad high side smart power solid state relay
07-Mar-2012
VNI4140K STMICROELECTRONICS-VNI4140K_12 Datasheet
519Kb / 25P
Quad high-side smart power solid-state relay
19-Mar-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com