Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN340SP Datasheet(PDF) 3 Page - STMicroelectronics

Part # VN340SP
Description  QUAD HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN340SP Datasheet(HTML) 3 Page - STMicroelectronics

  VN340SP Datasheet HTML 1Page - STMicroelectronics VN340SP Datasheet HTML 2Page - STMicroelectronics VN340SP Datasheet HTML 3Page - STMicroelectronics VN340SP Datasheet HTML 4Page - STMicroelectronics VN340SP Datasheet HTML 5Page - STMicroelectronics VN340SP Datasheet HTML 6Page - STMicroelectronics VN340SP Datasheet HTML 7Page - STMicroelectronics VN340SP Datasheet HTML 8Page - STMicroelectronics VN340SP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
VN340SP
THERMAL DATA
(*) see test configuration and application description
SWITCHING (VCC=24V)
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case (1)
(MAX)
3
°C/W
Rthj-amb
Thermal resistance junction-ambient ($)
(MAX)
50
°C/W
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VCC
Supply voltage
10
36
V
RON
On state resistance
IOUT=0.5A; Tj=25°C
IOUT=0.5A; -25°C<Tj<85°C
IOUT=0.5A; Tj=125°C
0.2
0.32
0.4
IS
Supply current
All channels off
On state; VIN=30V; IOUTn=0V
(Tj=125°C)
1
6
mA
mA
VOL
Low state output voltage
VIN=VIL; RLOAD>10MΩ
1.5
V
Vdemag
Output voltage at turn-off
IOUT=0.5A; LLOAD=1mH
VCC-65 VCC-55 VCC-45
V
ILGND
Output current at turn-off
VCC=VINn=VGND=VSTAT=18 to 30V
Tamb=-25°C to 85°C (*)
2mA
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
td(on)
Turn-on delay time of
Output current
IOUT=0.5A, Resistive Load
Input rise time <0.1
µs, T
j=25°C
52
100
µs
tr
Rise time of
Output current
IOUT=0.5A, Resistive Load
Input rise time <0.1
µs, T
j=25°C
94
250
µs
td(off)
Turn-off delay time of
Output current
IOUT=0.5A, Resistive Load
Input rise time <0.1
µs, T
j=25°C
34
50
µs
tf
Fall time of
Output current
IOUT=0.5A, Resistive Load
Input rise time <0.1
µs, T
j=25°C
820
µs
POWER
ELECTRICAL CHARACTERISTICS (10V<VCC<36V;-25°C<Tj<85°C; unless otherwise specified)
1
(1) Per channel
($) When mounted using minimum recommended pad size on FR-4 board



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com