Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN340SP Datasheet(PDF) 2 Page - STMicroelectronics

Part # VN340SP
Description  QUAD HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN340SP Datasheet(HTML) 2 Page - STMicroelectronics

  VN340SP Datasheet HTML 1Page - STMicroelectronics VN340SP Datasheet HTML 2Page - STMicroelectronics VN340SP Datasheet HTML 3Page - STMicroelectronics VN340SP Datasheet HTML 4Page - STMicroelectronics VN340SP Datasheet HTML 5Page - STMicroelectronics VN340SP Datasheet HTML 6Page - STMicroelectronics VN340SP Datasheet HTML 7Page - STMicroelectronics VN340SP Datasheet HTML 8Page - STMicroelectronics VN340SP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/9
VN340SP
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Unit
VCC
Power supply voltage
45
V
-VCC
Reverse supply voltage
-4
V
IOUT
Output current (continuous)
Internally limited
A
IR
Reverse output current (per channel)
-6
A
IIN
Input current (per channel)
± 10
mA
IDIAG
Diag pin current
±10
mA
VESD
Electrostatic discharge (R=1.5K
Ω; C=100pF)
2000
V
EAS
Single pulse avalanche energy per channel not simultaneously
(see figure 1)
400
mJ
Ptot
Power dissipation at Tc=25°C
Internally limited
W
Tj
Junction operating temperature
Internally limited
°C
Tstg
Storage temperature
-55 to 150
°C
1
CURRENT AND VOLTAGE CONVENTIONS
CONNECTION DIAGRAM TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com