Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC431L Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC431L
Description  Low Voltage Adjustable Shunt Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC431L Datasheet(HTML) 5 Page - Semtech Corporation

  SC431L Datasheet HTML 1Page - Semtech Corporation SC431L Datasheet HTML 2Page - Semtech Corporation SC431L Datasheet HTML 3Page - Semtech Corporation SC431L Datasheet HTML 4Page - Semtech Corporation SC431L Datasheet HTML 5Page - Semtech Corporation SC431L Datasheet HTML 6Page - Semtech Corporation SC431L Datasheet HTML 7Page - Semtech Corporation SC431L Datasheet HTML 8Page - Semtech Corporation SC431L Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC431L
e
g
a
k
c
a
PT
J
)
C
°
(e
c
n
a
r
e
l
o
T
%
5
2
.
0%
5
.
0%
0
.
1%
0
.
2
3
-
3
2
-
T
O
S
)
2
(
)
1
(
0
5
1
+
o
t
0R
T
5
2
.
-
K
S
C
L
1
3
4
C
SR
T
5
.
-
K
S
C
L
1
3
4
C
SR
T
1
-
K
S
C
L
1
3
4
C
SR
T
2
-
K
S
C
L
1
3
4
C
S
T
R
T
5
2
-
K
S
C
L
1
3
4
C
ST
R
T
5
.
-
K
S
C
L
1
3
4
C
ST
R
T
1
-
K
S
C
L
1
3
4
C
ST
R
T
2
-
K
S
C
L
1
3
4
C
S
0
5
1
+
o
t
0
4
-R
T
5
2
.
-
K
S
I
L
1
3
4
C
SR
T
5
.
-
K
S
I
L
1
3
4
C
SR
T
1
-
K
S
I
L
1
3
4
C
SR
T
2
-
K
S
I
L
1
3
4
C
S
T
R
T
5
2
.
-
K
S
I
L
1
3
4
C
ST
R
T
5
.
-
K
S
I
L
1
3
4
C
ST
R
T
1
-
K
S
I
L
1
3
4
C
ST
R
T
2
-
K
S
I
L
1
3
4
C
S
5
-
3
2
-
T
O
S
)
2
(
)
1
(
0
5
1
+
o
t
0R
T
5
2
.
K
S
5
C
L
1
3
4
C
SR
T
5
.
-
K
S
5
C
L
1
3
4
C
SR
T
1
-
K
S
5
C
L
1
3
4
C
SR
T
2
-
K
S
5
C
L
1
3
4
C
S
T
R
T
5
2
K
S
5
C
L
1
3
4
C
ST
R
T
5
.
K
S
5
C
L
1
3
4
C
ST
R
T
1
-
K
S
5
C
L
1
3
4
C
ST
R
T
2
-
K
S
5
C
L
1
3
4
C
S
0
5
1
+
o
t
0
4
-R
T
5
2
.
K
S
5
I
L
1
3
4
C
SR
T
5
.
-
K
S
5
I
L
1
3
4
C
SR
T
1
-
K
S
5
I
L
1
3
4
C
SR
T
2
-
K
S
5
I
L
1
3
4
C
S
T
R
T
5
2
K
S
5
I
L
1
3
4
C
ST
R
T
5
.
K
S
5
I
L
1
3
4
C
ST
R
T
1
-
K
S
5
I
L
1
3
4
C
ST
R
T
2
-
K
S
5
I
L
1
3
4
C
S
Ordering Information
Notes:
(1) Only available in tape and reel packaging. A reel contains 3000 devices.
(2) “T” at end of part number indicates “lead free”. This product is fully WEEE and RoHS compliant.
Marking Information
SOT-23-3 (Top View only)
(0 to +150°C)
SOT-23-5 (Top View)
(0 to +150°C)
SOT-23-5 (Bottom View)
3 1 L
yyww = Datecode,
Example: (0015)
431L
SOT-23-5 (Top View)
(-40 to +150°C)
SOT-23-5 (Bottom View)
yyww = Datecode,
Example: (0115)
yyww
yyww
SOT-23-3 (Top View only)
(-40 to +150°C)
3 L I
L 5 I



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com