Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC431L Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC431L
Description  Low Voltage Adjustable Shunt Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC431L Datasheet(HTML) 2 Page - Semtech Corporation

  SC431L Datasheet HTML 1Page - Semtech Corporation SC431L Datasheet HTML 2Page - Semtech Corporation SC431L Datasheet HTML 3Page - Semtech Corporation SC431L Datasheet HTML 4Page - Semtech Corporation SC431L Datasheet HTML 5Page - Semtech Corporation SC431L Datasheet HTML 6Page - Semtech Corporation SC431L Datasheet HTML 7Page - Semtech Corporation SC431L Datasheet HTML 8Page - Semtech Corporation SC431L Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC431L
Absolute Maximum Ratings
Electrical Characteristics
r
e
t
e
m
a
r
a
P
l
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
e
d
o
h
t
a
C
V
Z
0
2V
t
n
e
r
r
u
C
e
d
o
h
t
a
C
s
u
o
n
it
n
o
C
I
Z
0
0
1A
m
t
n
e
r
r
u
C
t
u
p
n
I
e
c
n
e
r
e
f
e
R
I
F
E
R
3A
m
T
t
a
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
A
C
°
5
2
=
3
-
3
2
-
T
O
S
5
-
3
2
-
T
O
S
P
D
7
3
.
0
9
4
.
0
W
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
3
-
3
2
-
T
O
S
5
-
3
2
-
T
O
S
θ
A
J
6
3
3
6
5
2
W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
O
C
L
1
3
4
C
S
I
L
1
3
4
C
S
T
A
0
7
+
o
t
0
5
8
+
o
t
0
4
-
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
O
C
L
1
3
4
C
S
I
L
1
3
4
C
S
T
J
0
5
1
+
o
t
0
0
5
1
+
o
t
0
4
-
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
T
G
T
S
0
5
1
+
o
t
5
6
-C
°
s
d
n
o
c
e
s
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
L
T
D
A
E
L
0
0
3C
°
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
E
V
D
S
E
2V
k
Unless specified:T
A = 25°C. Values in bold apply over full operating ambient temperature range.
%
5
2
.
0
L
1
3
4
C
S%
5
.
0
L
1
3
4
C
S
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
RV
F
E
R
V
Z
V
=
F
E
R
I
,
Z
A
m
0
1
=
)
1
(
7
3
2
.
10
4
2
.
13
4
2
.
14
3
2
.
10
4
2
.
16
4
2
.
1V
4
2
2
.
16
5
2
.
12
2
2
.
18
5
2
.
1
V
F
E
R
n
o
it
a
i
v
e
D
p
m
e
TV
V
E
D
V
Z
V
=
F
E
R
,I
Z
A
m
0
1
=
)
1
(
0
15
20
15
2
V
m
n
i
e
g
n
a
h
C
f
o
o
it
a
RI
Z
,
A
m
0
1
=
∆V
Z
V
o
t
V
6
1
=
F
E
R
0
.
1
-7
.
2
-0
.
1
-7
.
2
-V
/
V
m
V
F
E
R
V
n
i
e
g
n
a
h
C
o
t
Z
t
u
p
n
I
e
c
n
e
r
e
f
e
R
t
n
e
r
r
u
C
I
F
E
R
k
0
1
=
1
R
Ω
=
2
R
,
∞,
I
Z
A
m
0
1
=
)
2
(
5
1
.
05
.
05
1
.
05
.
0A
µ
I
F
E
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
a
i
v
e
D
I
)
V
E
D
(
F
E
R
k
0
1
=
1
R
Ω
=
2
R
,
∞,
I
Z
A
m
0
1
=
)
2
(
1
.
04
.
01
.
04
.
0
A
µ
e
d
o
h
t
a
C
e
t
a
t
S
-
ff
OI
)
F
F
O
(
Z
V
F
E
R
V
,
V
0
=
Z
V
6
=
)
3
(
5
2
1
.
00
5
1
.
05
2
1
.
00
5
1
.
0A
µ
t
n
e
r
r
u
CV
F
E
R
V
,
V
0
=
Z
V
6
1
=
)
3
(
5
3
1
.
00
5
1
.
05
3
1
.
00
5
1
.
0
Z
REF
V
V
∆
∆



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com