Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC431L Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC431L
Description  Low Voltage Adjustable Shunt Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC431L Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC431L Datasheet HTML 2Page - Semtech Corporation SC431L Datasheet HTML 3Page - Semtech Corporation SC431L Datasheet HTML 4Page - Semtech Corporation SC431L Datasheet HTML 5Page - Semtech Corporation SC431L Datasheet HTML 6Page - Semtech Corporation SC431L Datasheet HTML 7Page - Semtech Corporation SC431L Datasheet HTML 8Page - Semtech Corporation SC431L Datasheet HTML 9Page - Semtech Corporation SC431L Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC431L
Applications Information - Stability
Selection of load capacitance when using SC431L as
a shunt regulator
When the SC431L is used as a shunt regulator, two
options for selection of C
L (see diagram on page 7) are
recommended for optimal stability:
1) No load capacitance across the device, decouple at
the load.
2) Large capacitance across the device, optional
decoupling at the load.
The reason for this is that SC431L exhibits instability with
capacitances in the range of 10nF to 1µF (approx.) at
light cathode currents (up to 3mA typical). The device is
less stable the lower the cathode voltage has been set
for. Therefore while the device will be perfectly stable
operating at a cathode current of (say) 10mA with a 0.1µF
capacitor across it, it will oscillate transiently during start-
up as the cathode current passes through the instability
region. Selecting a very low (or preferably, no)
capacitance, or alternatively a high capacitance (such
as 10µF) will avoid this issue altogether. Since the user
will probably wish to have local decoupling at the load
anyway, the most cost effective method is to use no
capacitance at all directly across the device. PCB trace/
via resistance and inductance prevent the local load
decoupling from causing the oscillation during the
transient start-up phase. Note: if the SC431L is located
right at the load, so the load decoupling capacitor is
directly across it, then this capacitor will have to be
≤
1nF or
≥ 10µF.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com