Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN800PT Datasheet(PDF) 9 Page - STMicroelectronics

Part # VN800PT
Description  HIGH SIDE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN800PT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VN800PT Datasheet HTML 5Page - STMicroelectronics VN800PT Datasheet HTML 6Page - STMicroelectronics VN800PT Datasheet HTML 7Page - STMicroelectronics VN800PT Datasheet HTML 8Page - STMicroelectronics VN800PT Datasheet HTML 9Page - STMicroelectronics VN800PT Datasheet HTML 10Page - STMicroelectronics VN800PT Datasheet HTML 11Page - STMicroelectronics VN800PT Datasheet HTML 12Page - STMicroelectronics VN800PT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9/22
VN800S / VN800PT
High Level Input Current
Status Leakage Current
Off State Output Current
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
1
2
3
4
5
6
7
8
Iih (µA)
Vin=3.25V
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
Ilstat (µA)
Vstat=Vcc=36V
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
IL(off1) (µA)
Off state
Vcc=36V
Vin=Vout=0V
On State Resistance Vs Tcase
On State Resistance Vs VCC
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
50
100
150
200
250
300
350
400
Ron (mOhm)
Iout=0.5A
Vcc=8V; 13V; 36V
5
1015
202530
3540
Vcc (V)
0
50
100
150
200
250
300
350
400
Ron (mOhm)
Iout=0.5A
Tc= - 40ºC
Tc= 25ºC
Tc= 150ºC
ILIM Vs Tcase
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
Ilim (A)
Vcc=24V
Rl=10mOhm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com