Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN800PT Datasheet(PDF) 2 Page - STMicroelectronics

Part # VN800PT
Description  HIGH SIDE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN800PT Datasheet(HTML) 2 Page - STMicroelectronics

  VN800PT Datasheet HTML 1Page - STMicroelectronics VN800PT Datasheet HTML 2Page - STMicroelectronics VN800PT Datasheet HTML 3Page - STMicroelectronics VN800PT Datasheet HTML 4Page - STMicroelectronics VN800PT Datasheet HTML 5Page - STMicroelectronics VN800PT Datasheet HTML 6Page - STMicroelectronics VN800PT Datasheet HTML 7Page - STMicroelectronics VN800PT Datasheet HTML 8Page - STMicroelectronics VN800PT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2/22
VN800S / VN800PT
ABSOLUTE MAXIMUM RATING
CONFIGURATION DIAGRAM (TOP VIEW) & SUGGESTED CONNECTIONS FOR UNUSED AND N.C.
PINS
CURRENT AND VOLTAGE CONVENTIONS
Symbol
Parameter
Value
Unit
SO-8
PPAK
VCC
DC Supply Voltage
41
V
- VCC
Reverse DC Supply Voltage
- 0.3
V
- IGND
DC Reverse Ground Pin Current
- 200
mA
IOUT
DC Output Current
Internally Limited
A
- IOUT
Reverse DC Output Current
- 6
A
IIN
DC Input Current
+/- 10
mA
VIN
Input Voltage Range
-3/+VCC
V
VSTAT
DC Status Voltage
+ VCC
V
VESD
Electrostatic Discharge (Human Body Model: R=1.5K
Ω; C=100pF)
- INPUT
- STATUS
- OUTPUT
- VCC
4000
4000
5000
5000
V
V
V
V
Ptot
Power Dissipation TC=25°C
4.2
41.7
W
EMAX
Maximum Switching Energy
(L=77.5mH; RL=0Ω; Vbat=13.5V; Tjstart=150ºC; IL=1.5A)
121
mJ
EMAX
Maximum Switching Energy
(L=125mH; RL=0Ω; Vbat=13.5V; Tjstart=150ºC; IL=1.5A)
195
mJ
Tj
Junction Operating Temperature
Internally Limited
°C
Tc
Case Operating Temperature
- 40 to 150
°C
Tstg
Storage Temperature
- 55 to 150
°C
Lmax
Max Inductive Load (VCC=30V; ILOAD=0.5A; Tamb=100°C;
Rthcase>ambient≤25°C/W)
2H
1
VCC
VCC
OUTPUT
OUTPUT
N.C.
GND
STATUS
INPUT
1
4
5
8
5
4
3
2
1
STATUS
OUTPUT
GND
INPUT
VCC
SO-8
PPAK
Connection / Pin Status
N.C.
Output
Input
Floating
X
X
X
X
To Ground
X
Through 10K
Ω resistor
INPUT
IS
IIN
VIN
VCC
STATUS
ISTAT
VSTAT
GND
VCC
IOUT
VOUT
IGND
OUTPUT
VF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com