Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN800PT Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN800PT
Description  HIGH SIDE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN800PT Datasheet(HTML) 1 Page - STMicroelectronics

  VN800PT Datasheet HTML 1Page - STMicroelectronics VN800PT Datasheet HTML 2Page - STMicroelectronics VN800PT Datasheet HTML 3Page - STMicroelectronics VN800PT Datasheet HTML 4Page - STMicroelectronics VN800PT Datasheet HTML 5Page - STMicroelectronics VN800PT Datasheet HTML 6Page - STMicroelectronics VN800PT Datasheet HTML 7Page - STMicroelectronics VN800PT Datasheet HTML 8Page - STMicroelectronics VN800PT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
®
July 2004
1/22
VN800S
/ VN800PT
HIGH SIDE DRIVER
1
s
CMOS COMPATIBLE INPUT
s
THERMAL SHUTDOWN
s
CURRENT LIMITATION
s
SHORTED LOAD PROTECTION
s
UNDERVOLTAGE AND OVERVOLTAGE
SHUTDOWN
s
PROTECTION AGAINST LOSS OF GROUND
s
VERY LOW STAND-BY CURRENT
s
REVERSE BATTERY PROTECTION (*)
DESCRIPTION
The VN800S, VN800PT are monolithic devices
made by using STMicroelectronics VIPower M0-3
Technology, intended for driving any kind of load
with one side connected to ground.
Active VCC pin voltage clamp protects the device
against
low
energy
spikes.
Active
current
limitation combined with thermal shutdown and
automatic restart protect the device against
overload. Device automatically turns off in case of
ground
pin
disconnection.
This
device
is
especially suitable for industrial applications in
norms conformity with IEC1131 (Programmable
Controllers International Standard).
TYPE
RDS(on)
IOUT
VCC
VN800S
VN800PT
135 m
Ω
0.7 A
36 V
ORDER CODES
PACKAGE
TUBE
T&R
SO-8
VN800S
VN800S13TR
PPAK
VN800PT
VN800PT13TR
SO-8
PPAK
BLOCK DIAGRAM
UNDERVOLTAGE
OVERTEMPERATURE
GND
INPUT
OUTPUT
OVERVOLTAGE
CURRENT LIMITER
LOGIC
DRIVER
Power CLAMP
STATUS
VCC
CLAMP
DETECTION
DETECTION
DETECTION
(*) See note at page 7
VCC
Rev. 1


Similar Part No. - VN800PT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN800PT-E STMICROELECTRONICS-VN800PT-E Datasheet
262Kb / 24P
HIGH SIDE DRIVER
Oct-2004
VN800PT.E STMICROELECTRONICS-VN800PT.E Datasheet
1Mb / 22P
for car body applications
Oct-2013
VN800PTTR-E STMICROELECTRONICS-VN800PTTR-E Datasheet
262Kb / 24P
HIGH SIDE DRIVER
Oct-2004
More results

Similar Description - VN800PT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN920D-B5 STMICROELECTRONICS-VN920D-B5 Datasheet
438Kb / 22P
HIGH SIDE DRIVER
rev. A
VN920DSP STMICROELECTRONICS-VN920DSP Datasheet
250Kb / 17P
HIGH SIDE DRIVER
rev. A
VN750PEP STMICROELECTRONICS-VN750PEP Datasheet
156Kb / 14P
HIGH SIDE DRIVER
Oct-2003
VN820 STMICROELECTRONICS-VN820_04 Datasheet
543Kb / 35P
HIGH SIDE DRIVER
Jul-2004
VN750 STMICROELECTRONICS-VN750_04 Datasheet
423Kb / 31P
HIGH SIDE DRIVER
Jun-2004
VN800S-E STMICROELECTRONICS-VN800S-E Datasheet
262Kb / 24P
HIGH SIDE DRIVER
Oct-2004
VN751PT STMICROELECTRONICS-VN751PT_08 Datasheet
392Kb / 16P
High side driver
08-Jul-2008
VN800PSTR-E STMICROELECTRONICS-VN800PSTR-E Datasheet
373Kb / 27P
High-side driver
07-Feb-2011
VN750SM-E STMICROELECTRONICS-VN750SM-E Datasheet
243Kb / 20P
HIGH SIDE DRIVER
Oct-2004
VN920DB5-E STMICROELECTRONICS-VN920DB5-E Datasheet
392Kb / 26P
High-side driver
September 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com