Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND920 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VND920
Description  DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND920 Datasheet(HTML) 1 Page - STMicroelectronics

  VND920 Datasheet HTML 1Page - STMicroelectronics VND920 Datasheet HTML 2Page - STMicroelectronics VND920 Datasheet HTML 3Page - STMicroelectronics VND920 Datasheet HTML 4Page - STMicroelectronics VND920 Datasheet HTML 5Page - STMicroelectronics VND920 Datasheet HTML 6Page - STMicroelectronics VND920 Datasheet HTML 7Page - STMicroelectronics VND920 Datasheet HTML 8Page - STMicroelectronics VND920 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
®
October 2002
1/18
VND920
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
1
(*) Per channel with all the output pins connected to the PCB.
s
CMOS COMPATIBLE INPUT
s
PROPORTIONAL LOAD CURRENT SENSE
s
SHORTED LOAD PROTECTION
s
UNDERVOLTAGE AND OVERVOLTAGE
SHUTDOWN
s
OVERVOLTAGE CLAMP
s
THERMAL SHUTDOWN
s
CURRENT LIMITATION
s
PROTECTION AGAINST LOSS OF GROUND
AND LOSS OF VCC
s
VERY LOW STAND-BY POWER DISSIPATION
s
REVERSE BATTERY PROTECTION (*)
DESCRIPTION
The VND920 is a double chip device made by
using
STMicroelectronics
VIPower
M0-3
Technology, intended for driving any kind of load
with one side connected to ground. Active VCC pin
voltage clamp protects the device against low
energy
spikes
(see
ISO7637
transient
compatibility
table).
Active
current
limitation
combined with thermal shutdown and automatic
restart protect the device against overload. Built-
in analog current sense output delivers a current
proportional
to
the
load
current.
Device
automatically turns off in case of ground pin
disconnection.
TYPE
RDS(on)
IOUT
VCC
VND920
16m
Ω
35 A (*)
36 V
SO-28 (DOUBLE ISLAND)
ORDER CODES
PACKAGE
TUBE
T&R
SO-28
VND920
VND92013TR
(*) See application schematic at page 10
CONNECTION DIAGRAM (TOP VIEW)
VCC 1
GND 1
INPUT 1
CURRENT SENSE 1
NC
VCC 1
VCC 2
GND 2
INPUT 2
CURRENT SENSE 2
VCC 2
VCC 2
OUTPUT 2
OUTPUT 2
OUTPUT 2
OUTPUT 2
OUTPUT 1
OUTPUT 1
OUTPUT 1
OUTPUT 1
VCC1
OUTPUT 2
OUTPUT 2
OUTPUT 1
OUTPUT 1
NC
NC
NC
1
14
15
28


Similar Part No. - VND920

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND920 STMICROELECTRONICS-VND920 Datasheet
373Kb / 26P
Double channel high-side solid-state relay
19-Sep-2013
VND920-E STMICROELECTRONICS-VND920-E Datasheet
228Kb / 19P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
October 2004 Rev. 1
VND920P STMICROELECTRONICS-VND920P Datasheet
325Kb / 18P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
Oct-2003
VND920 STMICROELECTRONICS-VND920_V01 Datasheet
373Kb / 26P
Double channel high-side solid-state relay
19-Sep-2013
More results

Similar Description - VND920

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND600SP STMICROELECTRONICS-VND600SP Datasheet
195Kb / 18P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
Jul-2004
VND920P STMICROELECTRONICS-VND920P Datasheet
325Kb / 18P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
Oct-2003
VND600PEP STMICROELECTRONICS-VND600PEP Datasheet
239Kb / 11P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
Oct-2003
VND600 STMICROELECTRONICS-VND600 Datasheet
236Kb / 18P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
Jul-2004
VND10B STMICROELECTRONICS-VND10B_04 Datasheet
213Kb / 13P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VND830ASP STMICROELECTRONICS-VND830ASP Datasheet
303Kb / 17P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
Nov-2003
VND10B-11-E STMICROELECTRONICS-VND10B-11-E Datasheet
222Kb / 13P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VND830ASPTR-E STMICROELECTRONICS-VND830ASPTR-E Datasheet
367Kb / 27P
Double channel high-side solid state relay
19-Sep-2013
VND600P-E STMICROELECTRONICS-VND600P-E Datasheet
380Kb / 26P
Double channel high-side solid state relay
19-Sep-2013
VND920-E STMICROELECTRONICS-VND920-E Datasheet
228Kb / 19P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
October 2004 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com