Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND920 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VND920
Description  DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND920 Datasheet(HTML) 3 Page - STMicroelectronics

  VND920 Datasheet HTML 1Page - STMicroelectronics VND920 Datasheet HTML 2Page - STMicroelectronics VND920 Datasheet HTML 3Page - STMicroelectronics VND920 Datasheet HTML 4Page - STMicroelectronics VND920 Datasheet HTML 5Page - STMicroelectronics VND920 Datasheet HTML 6Page - STMicroelectronics VND920 Datasheet HTML 7Page - STMicroelectronics VND920 Datasheet HTML 8Page - STMicroelectronics VND920 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3/18
VND920
ABSOLUTE MAXIMUM RATING (Per each channel)
(**) Per island
CURRENT AND VOLTAGE CONVENTIONS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
41
V
- VCC
Reverse DC Supply Voltage
- 0.3
V
- IGND
DC Reverse Ground Pin Current
- 200
mA
IOUT
DC Output Current
Internally Limited
A
- IOUT
Reverse DC Output Current
- 21
A
IIN
DC Input Current
+/- 10
mA
VCSENSE
Current Sense Maximum Voltage
-3
+15
V
V
VESD
Electrostatic Discharge (Human Body Model: R=1.5K
Ω; C=100pF)
- INPUT
- CURRENT SENSE
- OUTPUT
- VCC
4000
2000
5000
5000
V
V
V
V
EMAX
Maximum Switching Energy
(L=0.25mH; RL=0Ω; Vbat=13.5V; Tjstart=150ºC; IL=45A)
355
mJ
Ptot
Power Dissipation Tl≤25°C
6.25 (**)
W
Tj
Junction Operating Temperature
Internally limited
°C
Tc
Case Operating Temperature
- 40 to 150
°C
TSTG
Storage Temperature
- 55 to 150
°C
IS2
IGND2
OUTPUT2
VCC2
IOUT2
VCC2
VSENSE2
CURRENT SENSE 1
ISENSE1
VOUT2
OUTPUT1
IOUT1
CURRENT SENSE 2
ISENSE2
VSENSE1
VOUT1
INPUT2
IIN2
INPUT1
IIN1
VIN2
VIN1
GROUND2
IS1
VCC1
VCC1
IGND1
GROUND1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com