Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND920 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VND920
Description  DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND920 Datasheet(HTML) 4 Page - STMicroelectronics

  VND920 Datasheet HTML 1Page - STMicroelectronics VND920 Datasheet HTML 2Page - STMicroelectronics VND920 Datasheet HTML 3Page - STMicroelectronics VND920 Datasheet HTML 4Page - STMicroelectronics VND920 Datasheet HTML 5Page - STMicroelectronics VND920 Datasheet HTML 6Page - STMicroelectronics VND920 Datasheet HTML 7Page - STMicroelectronics VND920 Datasheet HTML 8Page - STMicroelectronics VND920 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4/18
VND920
THERMAL DATA (Per island)
(*) When mounted on a standard single-sided FR-4 board with 1cm2 of Cu (at least 35
µm thick) connected to all V
CC pins.
Horizontal mounting and no artificial air flow.
ELECTRICAL CHARACTERISTICS (8V<VCC<36V; -40°C<Tj<150°C unless otherwise specified)
(Per island)
POWER
SWITCHING (VCC=13V)
LOGIC INPUT
Symbol
Parameter
Value
Unit
Rthj-lead
Thermal Resistance Junction-lead
20
°C/W
Rthj-amb
Thermal Resistance Junction-ambient (one chip ON)
55 (*)
°C/W
Rthj-amb
Thermal Resistance Junction-ambient (two chips ON)
42 (*)
°C/W
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VCC
Operating Supply Voltage
5.5
13
36
V
VUSD
Undervoltage Shut-down
3
4
5.5
V
VOV
Overvoltage Shut-down
36
V
RON
On State Resistance
IOUT=10A; Tj =25°C
IOUT=10A
IOUT=3A; VCC=6V
16
32
55
m
Ω
m
Ω
m
Ω
Vclamp
Clamp Voltage
ICC=20mA (See note 1)
41
48
55
V
IS
Supply Current
Off State; VCC=13V; VIN=VOUT=0V
Off State; VCC=13V; VIN=VOUT=0V;
Tj =25°C
On State; VCC=13V; VIN=5V; IOUT=0A;
RSENSE=3.9KΩ
10
10
25
20
5
µA
µA
mA
IL(off1)
Off State Output Current
VIN=VOUT=0V
0
50
µA
IL(off2)
Off State Output Current
VIN=0V; VOUT=3.5V
-75
0
µA
IL(off3)
Off State Output Current
VIN=VOUT=0V; VCC=13V; Tj =125°C
5
µA
IL(off4)
Off State Output Current
VIN=VOUT=0V; VCC=13V; Tj =25°C
3
µA
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
td(on)
Turn-on Delay Time
RL=1.3Ω (see figure 2)
50
µs
td(off)
Turn-off Delay Time
RL=1.3Ω (see figure 2)
50
µs
dVOUT/dt(on) Turn-on Voltage Slope
RL=1.3Ω (see figure 2)
See
relative
diagram
V/
µs
dVOUT/dt(off) Turn-off Voltage Slope
RL=1.3Ω (see figure 2)
See
relative
diagram
V/
µs
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIL
Input Low Level
1.25
V
IIL
Low Level Input Current
VIN=1.25V
1
µA
VIH
Input High Level
3.25
V
IIH
High Level Input Current
VIN=3.25V
10
µA
VI(hyst)
Input Hysteresis Voltage
0.5
V
VICL
Input Clamp Voltage
IIN=1mA
IIN=-1mA
66.8
-0.7
8V
V
1
Note 1: Vclamp and VOV are correlated. Typical difference is 5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com