Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC801IMLTR Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC801IMLTR
Description  Fully Integrated High Current Lithium-Ion Battery Charger System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC801IMLTR Datasheet(HTML) 4 Page - Semtech Corporation

  SC801IMLTR Datasheet HTML 1Page - Semtech Corporation SC801IMLTR Datasheet HTML 2Page - Semtech Corporation SC801IMLTR Datasheet HTML 3Page - Semtech Corporation SC801IMLTR Datasheet HTML 4Page - Semtech Corporation SC801IMLTR Datasheet HTML 5Page - Semtech Corporation SC801IMLTR Datasheet HTML 6Page - Semtech Corporation SC801IMLTR Datasheet HTML 7Page - Semtech Corporation SC801IMLTR Datasheet HTML 8Page - Semtech Corporation SC801IMLTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
 2004 Semtech Corp.
www.semtech.com
SC801
POWER MANAGEMENT
Pin Configuration
Ordering Information
Pin Descriptions
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1N
E
S
B
t
o
n
o
D
.
e
g
a
tl
o
v
y
r
e
t
t
a
b
e
s
n
e
s
n
i
v
l
e
K
o
t
l
a
n
i
m
r
e
t
y
r
e
t
t
a
b
o
t
t
c
e
n
n
o
C
.
n
i
p
e
s
n
e
s
e
g
a
tl
o
v
y
r
e
t
t
a
B
.
g
n
it
a
o
lf
n
i
p
s
i
h
t
e
v
a
e
l
2M
G
R
P
V
.
e
l
b
a
t
s
u
j
d
a
=
r
o
t
s
i
s
e
R
.
V
2
.
4
=
h
g
i
h
c
i
g
o
L
.
V
1
.
4
=
w
o
l
c
i
g
o
L
.
n
i
p
m
a
r
g
o
r
p
e
g
a
tl
o
v
e
l
b
a
t
c
e
l
e
S
3M
G
R
P
I
m
a
r
g
o
r
p
o
t
d
n
u
o
r
g
o
t
r
o
t
s
i
s
e
r
a
s
e
r
i
u
q
e
R
.
e
d
o
m
e
g
r
a
h
c
t
s
a
f
n
i
n
i
p
m
a
r
g
o
r
p
t
n
e
r
r
u
c
r
e
g
r
a
h
C
.
t
n
e
r
r
u
c
e
g
r
a
h
c
-
t
s
a
f
4M
R
E
T
I
o
t
d
n
u
o
r
g
o
t
r
o
t
s
i
s
e
r
a
s
e
r
i
u
q
e
R
.
t
n
e
r
r
u
c
e
g
r
a
h
c
-
e
r
p
d
n
a
n
o
it
a
n
i
m
r
e
t
t
n
e
r
r
u
c
r
o
f
n
o
it
c
e
l
e
S
.
t
n
e
r
r
u
c
n
o
it
a
n
i
m
r
e
t
d
n
a
e
g
r
a
h
c
-
e
r
p
m
a
r
g
o
r
p
5C
Nt
c
e
n
n
o
C
o
N
6D
N
Gd
n
u
o
r
G
7N
E
.
e
c
i
v
e
d
s
e
l
b
a
s
i
d
w
o
l
c
i
g
o
L
.
e
c
i
v
e
d
s
e
l
b
a
n
e
h
g
i
h
c
i
g
o
L
.
n
i
p
e
l
b
a
s
i
d
/
e
l
b
a
n
e
e
c
i
v
e
D
8P
I
B
h
g
i
h
c
i
g
o
L
.
e
c
a
l
P
n
I
y
r
e
t
t
a
B
s
l
a
n
g
i
s
t
a
h
t
r
e
ll
o
r
t
n
o
c
o
r
c
i
m
r
o
y
r
t
i
u
c
r
i
c
l
a
n
r
e
t
x
e
m
o
r
f
d
e
v
i
r
e
d
t
u
p
n
I
o
D
.
e
d
o
m
O
D
L
o
t
n
i
e
c
i
v
e
d
s
t
u
p
w
o
l
c
i
g
o
L
.
e
d
o
m
g
n
i
g
r
a
h
c
n
i
d
n
a
e
c
a
l
P
n
I
y
r
e
t
t
a
B
s
e
t
a
c
i
d
n
i
.
g
n
it
a
o
lf
n
i
p
s
i
h
t
e
v
a
e
l
t
o
n
9P
V
O
.
A
m
0
1
e
c
r
u
o
S
n
a
c
n
i
p
s
i
h
T
V
5
.
6
n
a
h
t
r
e
h
g
i
h
s
i
e
g
a
tl
o
v
t
u
p
n
i
r
e
g
r
a
h
c
f
i
g
a
lf
tl
u
a
f
e
g
a
tl
o
v
r
e
v
O
0
1T
A
T
S
n
i
n
e
h
W
.
)
w
o
L
(
e
g
r
a
h
c
f
o
d
n
e
d
n
a
)
h
g
i
H
(
e
g
r
a
h
c
t
s
a
F
,
)
h
g
i
H
(
e
g
r
a
h
c
-
e
r
P
:
n
i
P
s
u
t
a
t
S
r
e
g
r
a
h
C
.
A
m
0
1
e
c
r
u
o
s
n
a
c
n
i
p
s
i
h
T
.
e
c
n
a
d
e
p
m
i
h
g
i
h
s
i
n
i
p
s
i
h
t
e
d
o
m
O
D
L
1
1P
C
e
h
t
f
o
s
s
e
l
d
r
a
g
e
r
s
n
i
p
C
C
V
e
h
t
o
t
r
e
w
o
p
s
i
e
r
e
h
t
n
e
h
w
h
g
i
h
c
i
g
o
l
,
r
o
t
a
c
i
d
n
i
t
n
e
s
e
r
p
r
e
g
r
a
h
C
.
A
m
0
1
e
c
r
u
o
s
n
a
c
n
i
p
s
i
h
T
.
e
t
a
t
s
n
i
p
e
l
b
a
n
E
2
1C
Nt
c
e
n
n
o
C
o
N
3
1C
C
V.
r
e
w
o
p
r
o
t
p
a
d
a
o
t
t
c
e
n
n
o
c
,
n
i
p
y
l
p
p
u
S
4
1C
C
V.
r
e
w
o
p
r
o
t
p
a
d
a
o
t
t
c
e
n
n
o
c
,
n
i
p
y
l
p
p
u
S
5
1T
U
O
V.
y
r
e
t
t
a
b
o
t
t
c
e
n
n
o
c
,
t
u
p
t
u
o
r
e
g
r
a
h
C
6
1T
U
O
V.
y
r
e
t
t
a
b
o
t
t
c
e
n
n
o
c
,
t
u
p
t
u
o
r
e
g
r
a
h
C
Td
a
P
l
a
m
r
e
h
T
h
t
i
w
e
n
a
l
p
d
n
u
o
r
g
e
h
t
o
t
y
lt
c
e
r
i
d
r
e
d
l
o
S
.
e
g
a
k
c
a
p
e
h
t
f
o
m
o
t
t
o
b
n
o
d
a
p
n
o
it
c
u
d
n
o
c
-
l
a
m
r
e
h
T
.
s
e
n
a
l
p
d
n
u
o
r
g
r
e
h
t
o
ll
a
o
t
s
a
i
v
l
a
m
r
e
h
t
e
l
p
it
l
u
m
E
C
I
V
E
D
)
1
(
E
G
A
K
C
A
P
R
T
L
M
I
1
0
8
C
S6
1
P
L
M
T
R
T
L
M
I
1
0
8
C
S
)
2
(
6
1
P
L
M
B
V
E
1
0
8
C
S
)
3
(
d
r
a
o
B
n
o
it
a
u
l
a
v
E
Notes:
(1) Only available in tape and reel packaging. A reel con-
tains 3,000 devices.
(2) TRT extension designates the lead-free leadframe
package option.
(3) Specify the desired IC part number when ordering.
MLP16: 4X4 16 LEAD
TOP VIEW
BIP
EN
GND
NC
CP
STAT
12
11
10
9
NC
OVP
8
7
6
5
1
2
3
4
BSEN
VPRGM
IPRGM
ITERM
13
14
15
16
VCC
VCC
VOUT
VOUT
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com