Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC801IMLTR Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC801IMLTR
Description  Fully Integrated High Current Lithium-Ion Battery Charger System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC801IMLTR Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC801IMLTR Datasheet HTML 9Page - Semtech Corporation SC801IMLTR Datasheet HTML 10Page - Semtech Corporation SC801IMLTR Datasheet HTML 11Page - Semtech Corporation SC801IMLTR Datasheet HTML 12Page - Semtech Corporation SC801IMLTR Datasheet HTML 13Page - Semtech Corporation SC801IMLTR Datasheet HTML 14Page - Semtech Corporation SC801IMLTR Datasheet HTML 15Page - Semtech Corporation SC801IMLTR Datasheet HTML 16Page - Semtech Corporation SC801IMLTR Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
 2004 Semtech Corp.
www.semtech.com
SC801
POWER MANAGEMENT
State Diagram
Shutdown Mode
Vout/Iout off
CP,STAT,OVP Low
VOUT > 2.8V
Soft Start
Fast Charge Mode
BSEN = CV
Start Pre-Charge
BSEN = CV
VOUT > 2.8V
IOUT < ITERM
Monitor Mode
STAT = Low
Vout off
BSEN
< CV-200mV
Yes
Yes
Yes
Yes
Yes
Vin > UVLO
Yes
Iout = 1500/Rprog
Iout = 246/Rterm
Start CV Mode
Yes
BIP High
Over Voltage, Under
Voltage, or Over
Temperature will
force the SC801 into
Shutdown Mode from
any state.
En = High
And
T
j < Over Temp SD
CP Output = High
Charge Mode
STAT=High,
LDO Mode
STAT = High Z,
Iout > 1500/Rprog
LDO Current Limit
Iout = 1500/Rprog
BSEN = CV ?
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com