Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC801IMLTR Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC801IMLTR
Description  Fully Integrated High Current Lithium-Ion Battery Charger System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC801IMLTR Datasheet(HTML) 2 Page - Semtech Corporation

  SC801IMLTR Datasheet HTML 1Page - Semtech Corporation SC801IMLTR Datasheet HTML 2Page - Semtech Corporation SC801IMLTR Datasheet HTML 3Page - Semtech Corporation SC801IMLTR Datasheet HTML 4Page - Semtech Corporation SC801IMLTR Datasheet HTML 5Page - Semtech Corporation SC801IMLTR Datasheet HTML 6Page - Semtech Corporation SC801IMLTR Datasheet HTML 7Page - Semtech Corporation SC801IMLTR Datasheet HTML 8Page - Semtech Corporation SC801IMLTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
 2004 Semtech Corp.
www.semtech.com
SC801
POWER MANAGEMENT
Absolute Maximum Ratings
Electrical Characteristics
r
e
t
e
m
a
r
a
P
l
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
D
N
G
o
t
N
E
,
C
C
V
0
.
4
1
o
t
3
.
0
-V
D
N
G
o
t
P
I
B
,
M
R
E
T
I
,
T
A
T
S
,
P
V
O
,
P
C
,
M
G
R
P
I
,
M
G
R
P
V
,
T
U
O
V
0
.
6
+
o
t
3
.
0
-V
/
W
m
0
2
e
t
a
r
e
D
(
P
L
M
,
n
o
it
a
p
i
s
s
i
D
r
e
w
o
PC
°5
8
e
v
o
b
aC
°)
P
D
5
.
2W
D
N
G
o
t
t
r
o
h
s
T
U
O
V
s
u
o
u
n
it
n
o
C
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
A
J
8
4*
W
/
C
°
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
OT
J
0
5
1C
°
e
r
u
t
a
r
e
p
m
e
T
w
o
lf
e
R
R
I
s
d
n
o
c
e
s
0
1
)
g
n
ir
e
d
l
o
S
(
n
o
it
p
o
R
TT
T
R
R
I
0
4
2C
°
)
e
m
a
r
f
d
a
e
l
e
e
r
f
d
a
e
l(
n
o
it
p
o
T
R
TT
T
R
R
I
0
6
2C
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
o
t
5
6
-C
°
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
ED
S
E2
V
k
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
CC
°
5
2T
A
0
4
-
(
°
5
8
+
o
t
C
° )
C
s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mx
a
M
e
g
a
tl
o
V
t
u
p
n
IC
C
V2
.
44
1V
e
g
a
tl
o
V
g
n
it
a
r
e
p
OV
P
O
2
.
45
.
6V
t
n
e
r
r
u
C
g
n
it
a
r
e
p
OI
C
C
e
d
o
M
g
n
i
g
r
a
h
C
A
µ
0
=
P
C
,
S
U
T
A
T
S
,
P
V
O
2
A
m
e
d
o
M
O
D
L
A
µ
0
=
P
C
,
S
U
T
A
T
S
,
P
V
O
5
2
t
n
e
r
r
u
C
e
g
a
k
a
e
L
y
r
e
tt
a
BI
T
U
O
V
V
0
=
C
C
V1
.
01
A
µ
e
g
a
tl
o
V
d
e
t
a
l
u
g
e
RV
T
A
B
V
M
G
R
P
h
g
i
H
c
i
g
o
L
=
V
M
G
R
P
w
o
L
c
i
g
o
L
=
0
2
.
4
0
1
.
4
6
1
.
4
6
0
.
4
4
2
.
4
4
1
.
4
V
k
c
a
b
d
e
e
F
e
d
o
M
t
s
u
j
d
A
e
g
a
tl
o
V
V
M
G
R
P
r
e
d
i
v
i
D
l
a
n
r
e
t
x
E
=
V
C
C
V
5
.
6
-
V
2
.
4
=
0
.
37
9
.
23
0
.
3V
t
n
e
r
r
u
C
e
g
r
a
h
C
-
e
r
P
y
r
e
tt
a
BP
I
C
I
M
R
E
T
k
1
0
.
3
=
R
r
o
t
s
i
s
e
R
V
Y
R
E
T
T
A
B
V
5
.
2
>
2
82
72
9
A
m
t
n
e
r
r
u
C
n
o
it
a
n
i
m
r
e
T
y
r
e
tt
a
BI
M
R
E
T
5
48
32
5
t
n
e
r
r
u
C
e
g
r
a
h
C
-
t
s
a
F
y
r
e
tt
a
BF
I
C
I
M
G
R
P
k
1
0
.
3
=
I
M
G
R
P
k
7
8
.
1
=
V
Y
R
E
T
T
A
B
V
8
.
3
=
V
m
0
5
5
=
e
g
a
tl
o
V
t
u
o
p
o
r
D
0
0
5
0
0
8
0
5
4
0
5
7
0
5
5
0
5
8
A
m
Unless otherwise noted: VCC = 4.75V - 5.25V
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not implied.
* Tied to PCB with 1 Square Inch, 2 Ounce Copper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com