Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC802 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC802
Description  Fully Integrated Lithium-Ion Battery Charger System with Timer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC802 Datasheet(HTML) 2 Page - Semtech Corporation

  SC802_08 Datasheet HTML 1Page - Semtech Corporation SC802_08 Datasheet HTML 2Page - Semtech Corporation SC802_08 Datasheet HTML 3Page - Semtech Corporation SC802_08 Datasheet HTML 4Page - Semtech Corporation SC802_08 Datasheet HTML 5Page - Semtech Corporation SC802_08 Datasheet HTML 6Page - Semtech Corporation SC802_08 Datasheet HTML 7Page - Semtech Corporation SC802_08 Datasheet HTML 8Page - Semtech Corporation SC802_08 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
© 2008 Semtech Corporation
SC802/SC802A
2
Pin Configuration
Marking Information
Ordering Information
Device
Package
SC802IMLTRT(1)(2)
MLP16
SC802AIMLTRT(1)(2)
MLP16
SC802EVB(3)
Evaluation Board
SC802AEVB(3)
Evaluation Board
Notes:
(1)
Available in tape and reel only. A reel contains 3,000 devices.
(2)
Available in lead-free package only. Device is WEEE and RoHS
compliant.
(3)
Specify the part number when ordering.
BSEN
ITERM
VPRGM
IPRGM
TOP VIEW
1
2
3
4
12
11
10
9
16
15
14
13
56
78
T
AFC
RTIME
CPB
CHRGB
802
yyww
MLP-16, 4x4, 16 LEAD
θ
JA = 50°C/W
yyww = datecode
802A
yyww
yyww = datecode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com