Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC802 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC802
Description  Fully Integrated Lithium-Ion Battery Charger System with Timer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC802 Datasheet(HTML) 1 Page - Semtech Corporation

  SC802_08 Datasheet HTML 1Page - Semtech Corporation SC802_08 Datasheet HTML 2Page - Semtech Corporation SC802_08 Datasheet HTML 3Page - Semtech Corporation SC802_08 Datasheet HTML 4Page - Semtech Corporation SC802_08 Datasheet HTML 5Page - Semtech Corporation SC802_08 Datasheet HTML 6Page - Semtech Corporation SC802_08 Datasheet HTML 7Page - Semtech Corporation SC802_08 Datasheet HTML 8Page - Semtech Corporation SC802_08 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© 2008 Semtech Corporation
POWER MANAGEMENT
1
SC802/SC802A
Fully Integrated Lithium-Ion
Battery Charger System with Timer
Features
Integrated charger with pass FET, reverse-blocking
diode, sense resistor, timer, and thermal protection
Battery Voltage — 4.1V, 4.2V, and adjustable
Programmable pre-charge, fast-charge, & termina-
tion current
Battery voltage controlled to 1% accuracy
Soft-start for glitch-free adaptor plug-in
Continuous charge current — Up to 1.5A
Charge current monitor output for microcontroller or
ADC interface
Input voltage range — 4.3V to 14V
Battery Drain when not charging — 0.1
μA
Operates without a battery in regulated LDO mode
Small 4 x 4(mm) 16 lead MLPQ package
NTC thermistor sense input
Adjustable up to 6 Hour programmable charge timer
Over-current protection in all charging states
Over-voltage protection
Remote Kelvin sensing at the battery terminals
ADC input current control capable
Status output for charging and end of charge cycle
Charges Li-Ion, Li-Polymer, NiCd, and NiMH Batteries
Applications
Cellular phones and PDA’s
Handheld meters
Charging stations
Handheld computers
Digital cameras
Programmable current source
Description
The SC802 and SC802A are fully integrated, single cell,
constant-current/constant-voltage Lithium-Ion/Lithium
Polymer battery chargers. With an integrated timer and
complete charge control algorithm, the devices are opti-
mized for stand-alone charger applications. They provide
for programmable pre-charge, fast-charge, and termina-
tion current settings. The devices can be programmed to
terminate the charge cycle based on the output current or
the time-out of the programmable timer. The fast-charge
current is typically set with an external resistor but can be
modified with the analog fast-charge input to allow a
Power Management Controller to control the fast-charge
current setting via DAC.
The 14V input voltage range of the SC802 and SC802A
eliminates additional protection circuitry required by
other 5V chargers in the event of faulty adapters.
Reference ground and battery sense inputs are provided
to allow Kelvin connections, to eliminate errors due to I×R
voltage drops during charging.
The output voltage to the battery is controlled to within
1% of the programmed voltage for either 4.1V or 4.2V. The
SC802 and SC802A can also function as a general purpose
current sources, such as for charging nickel-cadmium
(NiCd) and nickel-metal-hydride (NiMH) batteries.
The SC802A version of the device is optimized for high
termination current applications.
CHARGER VIN
RNTC
Battery
Thermistor
AFC ISET
RNPU
RRTIME
CVCC
1μF
RIPRGM
CVOUT
2.2μF
RITERM
BAT.
CHARGE
CHARGER
PRESENT
SC802/SC802A
VCC1
BSEN
IPRGM
EN_NTC
ITERM
VOUT2
RTIME
CHRGB
VPRGM
CPB
RFGND
BIPB
VCC2
GND
VOUT1
AFC
Typical Application Circuit
October 30, 2008


Similar Part No. - SC802_08

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
SC802-04 FUJI-SC802-04 Datasheet
218Kb / 2P
SCHOTTKY BARRIER DIODE
SC802-04 FUJI-SC802-04 Datasheet
61Kb / 3P
SCHOTTKY BARRIER DIODE
SC802-04 FUJI-SC802-04_01 Datasheet
61Kb / 3P
SCHOTTKY BARRIER DIODE
SC802-06 FUJI-SC802-06 Datasheet
87Kb / 3P
SCHOTTKY BARRIER DIODE
SC802-09 FUJI-SC802-09 Datasheet
84Kb / 3P
SCHOTTKY BARRIER DIODE
More results

Similar Description - SC802_08

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
Lithium-Ion Battery Charger
REV.A
logo
New Japan Radio
NJW4100 NJRC-NJW4100 Datasheet
280Kb / 19P
Lithium-ion Battery Charger Controller IC with Timer
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
Lithium-Ion Battery Charger
2001
logo
Semtech Corporation
SC803 SEMTECH-SC803 Datasheet
737Kb / 17P
Fully Integrated High Current Lithium-Ion Battery Charger System
SC801 SEMTECH-SC801 Datasheet
360Kb / 17P
Fully Integrated High Currnet Lithium-Ion Battery Charger System
SC802 SEMTECH-SC802 Datasheet
748Kb / 16P
Fully Integrated Lithium-Ion Battery Charger System with Timer
SC804 SEMTECH-SC804 Datasheet
536Kb / 21P
Fully Integrated Lithium-Ion Battery Charger System with Timer
SC804A SEMTECH-SC804A Datasheet
539Kb / 21P
Fully Integrated 4.4V Lithium-Ion Battery Charger System with Timer
SC801 SEMTECH-SC801_04 Datasheet
736Kb / 17P
Fully Integrated High Current Lithium-Ion Battery Charger System
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
Lithium ion battery charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com