Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC802 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC802
Description  Fully Integrated Lithium-Ion Battery Charger System with Timer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC802 Datasheet(HTML) 3 Page - Semtech Corporation

  SC802_08 Datasheet HTML 1Page - Semtech Corporation SC802_08 Datasheet HTML 2Page - Semtech Corporation SC802_08 Datasheet HTML 3Page - Semtech Corporation SC802_08 Datasheet HTML 4Page - Semtech Corporation SC802_08 Datasheet HTML 5Page - Semtech Corporation SC802_08 Datasheet HTML 6Page - Semtech Corporation SC802_08 Datasheet HTML 7Page - Semtech Corporation SC802_08 Datasheet HTML 8Page - Semtech Corporation SC802_08 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© 2008 Semtech Corporation
SC802/SC802A
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1)
VCC1 and VCC2, and VOUT1 and VOUT2, must be connected, and will be referred to collectively as VCC and VOUT, respectively. All references
to V
VCC
, V
VOUT
, I
VCC
, and I
VOUT
refer to the common node voltage and total current of VCC1 and VCC2, and VOUT1 and VOUT2, respectively.
(2)
Tested according to JEDEC standard JESD22-A114-B.
(3)
Operating voltage is the input voltage at which the charger is guaranteed to begin operation. Maximum operating voltage is the maximum
Vsupply as defined in EIA/JEDEC Standard Number 78, paragraph 2.11.
(4)
Calculated from package in still air, mounted to 3 x 4.5(in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Absolute Maximum Ratings
VCC1, VCC2, EN_NTC (V) . . . . . . . . . . . . . . . . . . . -0.3 to +14.0
VOUT1, VOUT2, RTIME(V)
. . . . . . . . . . . . . . . . . -0.3 to +6.0
BIPB, CPB, CHRGB (V) . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
IPRGM, ITERM, AFC (V) . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
VPRGM, BSEN (V) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
REFGND to GND (V) . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +0.3
VOUT Short to GND (1) . . . . . . . . . . . . . . . . . . . . . . Continuous
ESD Protection Level (2) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Recommended Operating Conditions
Ambient Temperature Range (°C). . . . . . . . -40 < T
A
< +85
VCC Operating Voltage (1)(3) (V) . . . . . . . . 4.3 < V
VCC1,2
< 6.5
Thermal Information
Thermal Resistance, Junction to Ambient (4) (°C/W) . . . . 50
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . +150
Storage Temperature Range (°C). . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (10s to 40s) (°C) . . . . . . . +260
Test Conditions: V
VCC
= 5.00V (1), V
VOUT
= 3.70V unless specified. Typ values at 25°C. Min and Max at -40°C < T
A
< 85°C, unless specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
VCC UVLO Rising Threshold
VT
UVLOR
3.7
4.0
4.3
V
VCC UVLO Hysteresis
VT
UVLOH
40
mV
VCC OVP Rising Threshold
VT
OVPR
6.5
6.8
7.5
V
VCC OVP Falling Threshold
VT
OVPF
6.1
6.5
7.1
V
VCC OVP Hysteresis
VT
OVPH
VT
OVPR
- VT
OVPF
200
300
500
mV
Operating Current
ICC
DIS
V
EN_NTC
= 0V, CHRGB, CPB off
2.6
mA
ICC
CHG
V
EN_NTC
= 0.5 × V
VCC
, CHRGB, CPB off
1
2.4
3.5
ICC
LDO
LDO Mode, CHRGB, CPB off
816
23
Battery Leakage Current (sum of
I
VOUT
and I
BSEN
)
ILeak
BAT
V
VCC
= 0V, V
VOUT
= V
BSEN
= 4.5V
0.1
2
μA
Regulated Voltage
V
CV-HI
V
VPRGM
= V
VCC
4.16
4.20
4.24
V
V
CV_LO
V
VPRGM
= 0V
4.06
4.10
4.14
REFGND Output Accuracy
V
VOUT_RGND
V
VOUT_RGND
= V
VOUT
- V
CVn
, V
REFGND
= 30mV
22
30
38
mV
REFGND Current
I
REFGND
V
REFGND
= 0V
35
μA
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com