Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC802 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC802
Description  Fully Integrated Lithium-Ion Battery Charger System with Timer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC802 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC802 Datasheet HTML 8Page - Semtech Corporation SC802 Datasheet HTML 9Page - Semtech Corporation SC802 Datasheet HTML 10Page - Semtech Corporation SC802 Datasheet HTML 11Page - Semtech Corporation SC802 Datasheet HTML 12Page - Semtech Corporation SC802 Datasheet HTML 13Page - Semtech Corporation SC802 Datasheet HTML 14Page - Semtech Corporation SC802 Datasheet HTML 15Page - Semtech Corporation SC802 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
© 2008 Semtech Corporation
SC802/SC802A
12
Applications Information (continued)
Status
Indicator
ON
(active
low)
OFF
(inactive
high)
Blinking
CPB
UVLO
< V
VCC
<
OVP
Power Not
Good
X
CHRGB
I
OUT
> I
TERM
I
OUT
< I
TERM
(1)
Pre-charge
or NTC fault
(1) Output remains on when timer is enabled and t < T
QCOMP
.
The CPB output can be used as a VCC–valid detector.
When V
VCC
is between the UVLO and OVP thresholds the
CPB output is low. In the SC802, the CPB output reflects
the voltage of the VCC input regardless of the voltage
V
EN_NTC
. In the SC802A, the CPB output becomes inactive
(high) when the charger is disabled, regardless of V
VCC
.
The CHRGB output signifies the charging status. When
I
VOUT
> I
TERM
, CHRGB is driven low. CHRGB is high when
I
VOUT
< I
TERM
. The CHRGB output is latched during the charge
cycle when the output current is less than I
TERM
. This latch
is reset when the battery enters a re-charge cycle, or if
BIPB, EN_NTC, or VCC are toggled. The CHRGB indicator
operates the same way in both charging and LDO
modes.
The five fault conditions detected by the SC802/A are
input under-voltage, input over-voltage, NTC temperature
fault, maximum die over-temperature (OT) fault, and pre-
charge timeout. The status indicator states for these fault
conditions are shown in the following table.
Fault
CPB
CHRB
VCC UVLO or
VCC OVP
OFF
OFF
NTC Fault
ON
Blinking
Pre-Charge Time-out
ON
Blinking
TJ > 150ºC
OFF
OFF
Configuring the Output Voltage to the Battery
V
CV Fixed Mode
The battery voltage is set by the VPRGM pin in fixed mode
and externally in the adjust mode. If VPRGM is logic high
the output voltage is set to 4.2V. If this pin is logic low the
output voltage will be set to 4.1V. For a value other than
4.1V or 4.2V a resistor divider is required.
V
CV Adjust Mode
V
CV
Adjust Mode permits configuring the SC802/A for V
CV
other than 4.1V or 4.2V. In V
CV
Adjust Mode the CV regula-
tion voltage is set by an external resistor divider. The
SC802/A Adjust Mode schematic is shown in Figure 1. The
SC802/A provides the capability, via the VPRGM pin, to
disconnect the external feedback resistor divider when
the charging source is removed, to reduce current drain
from the battery through the resistor network. Connect
the external resistor divider between the VOUT pins and
CHARGER VIN
RNTC
Thermistor
AFC ISET
RNPU
RRTIME
CVCC
1μF
RIPRGM
CVOUT
2.2μF
RITERM
BAT.
SC802/SC802A
VCC1
BSEN
IPRGM
EN_NTC
ITERM
VOUT2
RTIME
CHRGB
VPRGM
CPB
RFGND
BIPB
VCC2
GND
VOUT1
AFC
CHARGE
CHARGER
PRESENT
RADJ-LO
RADJ-HI
CADJ
Figure 1. V
CV Adjust Mode programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com