Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC802 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC802
Description  Fully Integrated Lithium-Ion Battery Charger System with Timer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC802 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC802 Datasheet HTML 10Page - Semtech Corporation SC802 Datasheet HTML 11Page - Semtech Corporation SC802 Datasheet HTML 12Page - Semtech Corporation SC802 Datasheet HTML 13Page - Semtech Corporation SC802 Datasheet HTML 14Page - Semtech Corporation SC802 Datasheet HTML 15Page - Semtech Corporation SC802 Datasheet HTML 16Page - Semtech Corporation SC802 Datasheet HTML 17Page - Semtech Corporation SC802 Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
© 2008 Semtech Corporation
SC802/SC802A
14
State Diagram
Shutdown Mode
VOUT off
CHRGB High Z
CPB Low
Soft Start CC Mode
Start Pre-Charge
Yes
IVOUT = IFQ
IVOUT = IFQ
Monitor Mode
VOUT is off
Float Charge Mode
VVOUT = VCV
Soft Start
Yes
Charger
Enabled?
BIPB = Low?
Start Timer
VVOUT > VTPreQ ?
t > TPreQF = TQCOMP / 4 ?
IVOUT < ITERM ?
VVOUT = VCV ?
Start CV
Regulation
CHRGB Low
CHRGB High Z
VVOUT < VCV - VTReQ ?
Pre-Charge
Timeout Fault
CHRGB blinks at 0.5Hz
Cleared by
VVOUT > 2.8V or
Re-cycle EN or VCC
NTC Temperature Fault
CHRGB blinks at 0.5Hz
Timer is frozen
Charge resumes when NTC
Temperature is valid
VEN_NTC < RTNTC_HF × VVCC or
VEN_NTC > RTNTC_CR × VVCC
Yes
Yes
Yes
Yes
Yes
Yes
Start LDO Mode
IVOUT < ITERM ?
CHRGB High Z
Float Charge Mode
t > TQCOMP ?
Timer
Enabled?
t > TQCOMP ?
VVOUT < VCV - VTReQ ?
Yes
Yes
VTUVLO < VVCC < VTOVP
Over Voltage or Under Voltage will
disable (and reset) the SC802/A,
regardless of charger state. Over
Temperature will turn off output
but preserve charger state.
Yes
Yes
VVOUT = VCV
Yes
CC = Constant Current
CV = Constant Voltage
Timer
Enabled?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com