Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC802 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC802
Description  Fully Integrated Lithium-Ion Battery Charger System with Timer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC802 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC802 Datasheet HTML 9Page - Semtech Corporation SC802 Datasheet HTML 10Page - Semtech Corporation SC802 Datasheet HTML 11Page - Semtech Corporation SC802 Datasheet HTML 12Page - Semtech Corporation SC802 Datasheet HTML 13Page - Semtech Corporation SC802 Datasheet HTML 14Page - Semtech Corporation SC802 Datasheet HTML 15Page - Semtech Corporation SC802 Datasheet HTML 16Page - Semtech Corporation SC802 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
© 2008 Semtech Corporation
SC802/SC802A
13
the VPRGM pin with the divider tap connected to the BSEN
pin to utilize this feature. The Adjust Mode CV regulation
voltage is set by the following equation.
0
.
3
R
R
1
V
LO
ADJ
HI
ADJ
ADJ
CV
To ensure detection of V
CV
Adjust Mode, R
ADJ–HI
should be
at least 130kΩ. The capacitor across R
ADJ–HI
in the feedback
network provides zero-pole frequency compensation for
stability. Place the zero according to the following equa-
tion to ensure stability.
kHz
100
2
1
C
R
ADJ
HI
ADJ
In V
CV
Adjust Mode, V
CV–ADJ
must satisfy V
VCC
> V
CV–ADJ
+
150mV to ensure regulation. If V
VCC
approaches V
CV–ADJ
,
V
CV–ADJ
will drop out such that V
CV–ADJ
will be approximately
V
VCC
– 150mV.
LDO Mode
The SC802/A can operate with or without a battery. If the
battery is not in place the device can enter LDO Mode.
The input pin BIPB is used to switch the SC802/A from
charger mode to LDO mode. If this pin is driven logic high
the device will be in LDO mode, if it is logic low it will be in
the charger mode. The BIPB pin should never be left float-
ing. It should be tied through pull-up or pull-down resis-
tors when connected to a high impedance control pin or
it can be connected directly to the VCC pin or GND.
In LDO Mode the SC802/A will function as a low dropout
voltage regulator. The EN_NTC pin functions remain
active, and the status indicators are active, including the
CHRGB indicator. The timer is inactive. The output remains
enabled even when I
VOUT
< I
TERM
. The output voltage can be
set to 4.1V, 4.2V or externally set by a resistor divider, with
a current limit equal to I
FQ
. The pre-charge threshold is
ignored.
Remote Kelvin Sensing at the Battery
Kelvin sensing of both the positive and negative terminals
of the battery is available on the SC802/A. The BSEN pin
provides the positive sensing voltage feedback to the CV
amplifier and should be connected as close to the battery
positive terminal as possible. The REFGND pin should be
Kelvin connected to the negative terminal of the battery.
This provides maximum flexibility in PCB layout. This also
results in a greater accuracy in sensing the battery voltage
at the battery terminals. When laying out the PCB the
designer should route the BSEN pin directly to the battery
terminal connections. (For Adjust Mode, the high-side
resistor should be connected directly to the battery termi-
nal connections.) In LDO mode, as in Charging mode, the
BSEN pin must sense the output voltage, so BSEN should
never be left unconnected.
Over-Current and Max Temperature Protection
Over-current protection is inherent in all modes of opera-
tion. When the device is in charge-mode (BIPB=low) the
output is current limited to either the pre-charge current
limit value or the fast-charge current limit value depend-
ing on V
VOUT
. When the device is in LDO mode (BIPB =
high) the output current is limited to the fast-charge
current limit. Maximum die temperature protection is
provided on the SC802/A. This feature allows the SC802/A
to operate with maximum power dissipation by disabling
the output current when the die temperature reaches the
over temperature limit. The device will then operate as a
pulse charger in extreme power dissipation applications,
delivering the maximum allowable output current while
regulating the internal die temperature to a safe level.
Capacitor Selection
Low cost, low ESR ceramic capacitors such as the X5R and
X7R dielectric material types are recommended. The
VOUT pin capacitance range is typically 1μF to 4.7μF, but
C
VOUT
can be as large as desired to accommodate the
required input capacitors of regulators connected directly
to the battery terminal. The VCC pin input capacitor C
VCC
is typically between 0.1μF to 1μF, but larger values will not
degrade performance. Capacitance must be evaluated at
the expected bias voltage (V
CV
for C
VOUT
, the expected VCC
supply regulation voltage for C
VCC
), rather than the zero-
volt capacitance rating.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com