Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ810 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VNQ810
Description  QUAD CHANNEL HIGH SIDE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ810 Datasheet(HTML) 1 Page - STMicroelectronics

  VNQ810 Datasheet HTML 1Page - STMicroelectronics VNQ810 Datasheet HTML 2Page - STMicroelectronics VNQ810 Datasheet HTML 3Page - STMicroelectronics VNQ810 Datasheet HTML 4Page - STMicroelectronics VNQ810 Datasheet HTML 5Page - STMicroelectronics VNQ810 Datasheet HTML 6Page - STMicroelectronics VNQ810 Datasheet HTML 7Page - STMicroelectronics VNQ810 Datasheet HTML 8Page - STMicroelectronics VNQ810 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
®
July 2004
1/21
VNQ810
QUAD CHANNEL HIGH SIDE DRIVER
s
CMOS COMPATIBLE INPUTS
s
OPEN DRAIN STATUS OUTPUTS
s
ON STATE OPEN LOAD DETECTION
s
OFF STATE OPEN LOAD DETECTION
s
SHORTED LOAD PROTECTION
s
UNDERVOLTAGE AND OVERVOLTAGE
SHUTDOWN
s
PROTECTION AGAINST LOSS OF GROUND
s
VERY LOW STAND-BY CURRENT
s
REVERSE BATTERY PROTECTION (**)
DESCRIPTION
The
VNQ810
is
a
quad
HSD
formed
by
assembling two VND810 chips in the same SO-28
package. The VND810 is a monolithic device
made by using STMicroelectronics VIPower M0-3
Technology, intended for driving any kind of load
with one side connected to ground.
Active VCC pin voltage clamp protects the device
against low energy spikes (see ISO7637 transient
compatibility
table).
Active
current
limitation
combined with thermal shutdown and automatic
restart protects the device against overload. The
device detects open load condition both in on and
off state . Output shorted to VCC is detected in the
off state. Device automatically turns off in case of
ground pin disconnection.
TYPE
RDS(on)
IOUT
VCC
VNQ810
160 m
Ω (*)
3.5 A (*)
36 V
SO-28 (DOUBLE ISLAND)
ORDER CODES
PACKAGE
TUBE
T&R
SO-28
VNQ810
VNQ81013TR
(*) Per each channel
ABSOLUTE MAXIMUM RATING
(**) See application schematic at page 9
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
41
V
- VCC
Reverse DC Supply Voltage
- 0.3
V
- Ignd
DC Reverse Ground Pin Current
- 200
mA
IOUT
DC Output Current
Internally Limited
A
- IOUT
Reverse DC Output Current
- 6
A
IIN
DC Input Current
+/- 10
mA
ISTAT
DC Status Current
+/- 10
mA
VESD
Electrostatic Discharge (Human Body Model: R=1.5K
Ω; C=100pF)
- INPUT
- STATUS
- OUTPUT
- VCC
4000
4000
5000
5000
V
V
V
V
EMAX
Maximum Switching Energy
(L=1.38mH; RL=0Ω; Vbat=13.5V; Tjstart=150ºC; IL=5A)
23
mJ
Ptot
Power dissipation (per island) at Tlead=25°C
6.25
W
Tj
Junction Operating Temperature
Internally Limited
°C
Tstg
Storage Temperature
- 55 to 150
°C
Rev. 1


Similar Part No. - VNQ810

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ810-E STMICROELECTRONICS-VNQ810-E Datasheet
220Kb / 20P
QUAD CHANNEL HIGH SIDE DRIVER
Oct-2004
VNQ810M STMICROELECTRONICS-VNQ810M Datasheet
317Kb / 21P
QUAD CHANNEL HIGH SIDE DRIVER
Jul-2004
VNQ810M-E STMICROELECTRONICS-VNQ810M-E Datasheet
216Kb / 21P
QUAD CHANNEL HIGH SIDE DRIVER
Oct-2004
VNQ810M13TR STMICROELECTRONICS-VNQ810M13TR Datasheet
317Kb / 21P
QUAD CHANNEL HIGH SIDE DRIVER
Jul-2004
VNQ810P-E STMICROELECTRONICS-VNQ810P-E Datasheet
368Kb / 28P
Quad channel high-side driver
19-Sep-2013
More results

Similar Description - VNQ810

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ830M STMICROELECTRONICS-VNQ830M Datasheet
315Kb / 20P
QUAD CHANNEL HIGH SIDE DRIVER
Jan-2003
VNQ860 STMICROELECTRONICS-VNQ860 Datasheet
221Kb / 10P
QUAD CHANNEL HIGH SIDE DRIVER
Jan-2003
VNQ690SP-E STMICROELECTRONICS-VNQ690SP-E Datasheet
187Kb / 20P
QUAD CHANNEL HIGH SIDE DRIVER
Oct-2004
VNQ860-E STMICROELECTRONICS-VNQ860-E Datasheet
288Kb / 15P
QUAD CHANNEL HIGH SIDE DRIVER
07-Nov-2005
VNQ600P-E STMICROELECTRONICS-VNQ600P-E Datasheet
220Kb / 20P
QUAD CHANNEL HIGH SIDE DRIVER
Oct-2004
VNQ810M-E STMICROELECTRONICS-VNQ810M-E Datasheet
216Kb / 21P
QUAD CHANNEL HIGH SIDE DRIVER
Oct-2004
VNQ860-E STMICROELECTRONICS-VNQ860-E_08 Datasheet
400Kb / 19P
Quad channel high side driver
07-Jul-2008
VNQ500PEPTR-E STMICROELECTRONICS-VNQ500PEPTR-E Datasheet
600Kb / 17P
QUAD CHANNEL HIGH SIDE DRIVER
Jun-2005
VNQ860TR-E STMICROELECTRONICS-VNQ860TR-E Datasheet
682Kb / 19P
Quad channel high-side driver
15-Mar-2013
VNQ500 STMICROELECTRONICS-VNQ500 Datasheet
239Kb / 24P
Quad channel high-side driver
September 2013 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com