Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ810 Datasheet(PDF) 14 Page - STMicroelectronics

Part # VNQ810
Description  QUAD CHANNEL HIGH SIDE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ810 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VNQ810 Datasheet HTML 10Page - STMicroelectronics VNQ810 Datasheet HTML 11Page - STMicroelectronics VNQ810 Datasheet HTML 12Page - STMicroelectronics VNQ810 Datasheet HTML 13Page - STMicroelectronics VNQ810 Datasheet HTML 14Page - STMicroelectronics VNQ810 Datasheet HTML 15Page - STMicroelectronics VNQ810 Datasheet HTML 16Page - STMicroelectronics VNQ810 Datasheet HTML 17Page - STMicroelectronics VNQ810 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14/21
VNQ810
Overvoltage Shutdown
Turn-on Voltage Slope
Turn-off Voltage Slope
ILIM Vs Tcase
Openload Off State Voltage Detection Threshold
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
30
32
34
36
38
40
42
44
46
48
50
Vov (V)
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Vol (V)
Vin=0V
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
100
200
300
400
500
600
700
800
900
1000
dVout/dt(on) (V/ms)
Vcc=13V
Rl=13Ohm
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
50
100
150
200
250
300
350
400
450
500
dVout/dt(off) (V/ms)
Rl=13Ohm
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
1
2
3
4
5
6
7
8
9
10
Ilim (A)
Vcc=13V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com