Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ810 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VNQ810
Description  QUAD CHANNEL HIGH SIDE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ810 Datasheet(HTML) 4 Page - STMicroelectronics

  VNQ810 Datasheet HTML 1Page - STMicroelectronics VNQ810 Datasheet HTML 2Page - STMicroelectronics VNQ810 Datasheet HTML 3Page - STMicroelectronics VNQ810 Datasheet HTML 4Page - STMicroelectronics VNQ810 Datasheet HTML 5Page - STMicroelectronics VNQ810 Datasheet HTML 6Page - STMicroelectronics VNQ810 Datasheet HTML 7Page - STMicroelectronics VNQ810 Datasheet HTML 8Page - STMicroelectronics VNQ810 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4/21
VNQ810
THERMAL DATA (Per island)
(1) When mounted on a standard single-sided FR-4 board with 0.5cm2 of Cu (at least 35
µm thick) connected to all V
CC pins.
Horizontal mounting and no artificial air flow.
(2) When mounted on a standard single-sided FR-4 board with 6cm2 of Cu (at least 35
µm thick) connected to all V
CC pins.
Horizontal mounting and no artificial air flow.
ELECTRICAL CHARACTERISTICS (8V<VCC<36V; -40°C< Tj <150°C, unless otherwise specified)
POWER OUTPUTS (Per each channel)
(**) Per island
SWITCHING (Per each Channel) (VCC=13V)
VCC - OUTPUT DIODE
Symbol
Parameter
Value
Unit
Rthj-lead
Thermal Resistance Junction-lead per chip
20
°C/W
Rthj-amb
Thermal resistance Junction-ambient (one chip ON)
60 (1)
44 (2)
°C/W
Rthj-amb
Thermal resistance Junction-ambient (two chips ON)
46 (1)
31 (2)
°C/W
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VCC (**)
Operating Supply Voltage
5.5
13
36
V
VUSD (**)
Undervoltage Shut-down
3
4
5.5
V
VOV (**)
Overvoltage Shut-down
36
V
RON
On State Resistance
IOUT=1A; Tj=25°C
IOUT=1A; VCC>8V
160
320
m
Ω
m
Ω
IS (**)
Supply Current
Off State; VCC=13V; VIN=VOUT=0V
Off State; VCC=13V; VIN=VOUT=0V;
Tj =25°C
On State; VCC=13V; VIN=5V; IOUT=0A
12
12
5
40
25
7
µA
µA
mA
IL(off1)
Off State Output Current
VIN=VOUT=0V
0
50
µA
IL(off2)
Off State Output Current
VIN=0V; VOUT=3.5V
-75
0
µA
IL(off3)
Off State Output Current
VIN=VOUT=0V; VCC=13V; Tj =125°C
5
µA
IL(off4)
Off State Output Current
VIN=VOUT=0V; VCC=13V; Tj =25°C
3
µA
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
td(on)
Turn-on Delay Time
RL=13Ω from VIN rising edge to
VOUT=1.3V
30
µs
td(off)
Turn-off Delay Time
RL=13Ω from VIN falling edge to
VOUT=11.7V
30
µs
dVOUT/dt(on) Turn-on Voltage Slope
RL=13Ω from VOUT=1.3V to VOUT=10.4V
See
relative
diagram
V/
µs
dVOUT/dt(off) Turn-off Voltage Slope
RL=13Ω from VOUT=11.7V to VOUT=1.3V
See
relative
diagram
V/
µs
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VF
Forward on Voltage
-IOUT=0.5A; Tj=150°C
0.6
V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com