Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F2012IPW Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2012IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2012IPW Datasheet(HTML) 36 Page - Texas Instruments

Back Button MSP430F2012IPW Datasheet HTML 32Page - Texas Instruments MSP430F2012IPW Datasheet HTML 33Page - Texas Instruments MSP430F2012IPW Datasheet HTML 34Page - Texas Instruments MSP430F2012IPW Datasheet HTML 35Page - Texas Instruments MSP430F2012IPW Datasheet HTML 36Page - Texas Instruments MSP430F2012IPW Datasheet HTML 37Page - Texas Instruments MSP430F2012IPW Datasheet HTML 38Page - Texas Instruments MSP430F2012IPW Datasheet HTML 39Page - Texas Instruments MSP430F2012IPW Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
36
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MSP430x20x1 electrical characteristics over recommended ranges of supply voltage and
operating free-air temperature (unless otherwise noted)
Comparator_A+ (see Note 1, MSP430x20x1 only)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
I
CAON 1 CARSEL 0 CAREF 0
2.2 V
25
40
μA
I(DD)
CAON=1, CARSEL=0, CAREF=0
3V
45
60
μA
I
CAON=1, CARSEL=0,
CAREF 1/2/3
2.2 V
30
50
μA
I(Refladder/RefDiode)
CAREF=1/2/3,
no load at P1.0/CA0 and P1.1/CA1
3V
45
71
μA
V(IC)
Common-mode input
voltage
CAON=1
2.2 V/3 V
0
VCC--1
V
V(Ref025)
Voltage @ 0.25 VCC node
VCC
PCA0=1, CARSEL=1, CAREF=1,
no load at P1.0/CA0 and P1.1/CA1
2.2 V/3 V
0.23
0.24
0.25
V(Ref050)
Voltage @ 0.5VCC node
VCC
PCA0=1, CARSEL=1, CAREF=2,
no load at P1.0/CA0 and P1.1/CA1
2.2 V/3 V
0.47
0.48
0.5
V
(see Figure 19 and Figure 20)
PCA0=1, CARSEL=1, CAREF=3,
no load at P1 0/CA0 and P1 1/CA1
2.2 V
390
480
540
mV
V(RefVT)
(see Figure 19 and Figure 20)
no load at P1.0/CA0 and P1.1/CA1,
TA =85°C
3V
400
490
550
mV
V(offset)
Offset voltage
SeeNote2
2.2 V/3 V
--30
30
mV
Vhys
Input hysteresis
CAON=1
2.2 V/3 V
0
0.7
1.4
mV
TA =25°C, Overdrive 10 mV,
Without filter: CAF=0
2.2 V
80
165
300
ns
t
Response time
Without filter: CAF=0
(see Note 3, Figure 16 and
Figure 17)
3V
70
120
240
ns
t(response)
Response time
(low--high and high--low)
TA =25°C, Overdrive 10 mV,
With filter: CAF=1
2.2 V
1.4
1.9
2.8
μs
With filter: CAF=1
(see Note 3, Figure 16 and
Figure 17)
3V
0.9
1.5
2.2
μs
NOTES: 1. The leakage current for the Comparator_A+ terminals is identical to Ilkg(Px.x) specification.
2. The input offset voltage can be cancelled by using the CAEX bit to invert the Comparator_A+ inputs on successive measurements.
The two successive measurements are then summed together.
3. Response time measured at P1.3/CAOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com