Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F2012IPW Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2012IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2012IPW Datasheet(HTML) 16 Page - Texas Instruments

Back Button MSP430F2012IPW Datasheet HTML 12Page - Texas Instruments MSP430F2012IPW Datasheet HTML 13Page - Texas Instruments MSP430F2012IPW Datasheet HTML 14Page - Texas Instruments MSP430F2012IPW Datasheet HTML 15Page - Texas Instruments MSP430F2012IPW Datasheet HTML 16Page - Texas Instruments MSP430F2012IPW Datasheet HTML 17Page - Texas Instruments MSP430F2012IPW Datasheet HTML 18Page - Texas Instruments MSP430F2012IPW Datasheet HTML 19Page - Texas Instruments MSP430F2012IPW Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
peripherals
Peripherals are connected to the CPU through data, address, and control busses and can be handled using
all instructions. For complete module descriptions, refer to the MSP430x2xx Family User’s Guide.
oscillator and system clock
The clock system is supported by the basic clock module that includes support for a 32768-Hz watch crystal
oscillator, an internal very-low-power low-frequency oscillator and an internal digitally-controlled oscillator
(DCO). The basic clock module is designed to meet the requirements of both low system cost and low power
consumption. The internal DCO provides a fast turn-on clock source and stabilizes in less than 1 μs. The basic
clock module provides the following clock signals:
D
Auxiliary clock (ACLK), sourced either from a 32768-Hz watch crystal or the internal LF oscillator.
D
Main clock (MCLK), the system clock used by the CPU.
D
Sub-Main clock (SMCLK), the sub-system clock used by the peripheral modules.
DCO Calibration Data (provided from factory in flash info memory segment A)
DCO Frequency
Calibration Register
Size
Address
1MHz
CALBC1_1MHZ
byte
010FFh
CALDCO_1MHZ
byte
010FEh
8MHz
CALBC1_8MHZ
byte
010FDh
CALDCO_8MHZ
byte
010FCh
12 MHz
CALBC1_12MHZ
byte
010FBh
CALDCO_12MHZ
byte
010FAh
16 MHz
CALBC1_16MHZ
byte
010F9h
CALDCO_16MHZ
byte
010F8h
brownout
The brownout circuit is implemented to provide the proper internal reset signal to the device during power on
and power off.
digital I/O
There is one 8-bit I/O port implemented—port P1—and two bits of I/O port P2:
D
All individual I/O bits are independently programmable.
D
Any combination of input, output, and interrupt condition is possible.
D
Edge-selectable interrupt input capability for all the eight bits of port P1 and the two bits of port P2.
D
Read/write access to port-control registers is supported by all instructions.
D
Each I/O has an individually programmable pull-up/pull-down resistor.
WDT+ watchdog timer
The primary function of the watchdog timer (WDT+) module is to perform a controlled system restart after a
software problem occurs. If the selected time interval expires, a system reset is generated. If the watchdog
function is not needed in an application, the module can be disabled or configured as an interval timer and can
generate interrupts at selected time intervals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com