Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F2012IPW Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2012IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2012IPW Datasheet(HTML) 44 Page - Texas Instruments

Back Button MSP430F2012IPW Datasheet HTML 40Page - Texas Instruments MSP430F2012IPW Datasheet HTML 41Page - Texas Instruments MSP430F2012IPW Datasheet HTML 42Page - Texas Instruments MSP430F2012IPW Datasheet HTML 43Page - Texas Instruments MSP430F2012IPW Datasheet HTML 44Page - Texas Instruments MSP430F2012IPW Datasheet HTML 45Page - Texas Instruments MSP430F2012IPW Datasheet HTML 46Page - Texas Instruments MSP430F2012IPW Datasheet HTML 47Page - Texas Instruments MSP430F2012IPW Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
44
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MSP430x20x3 electrical characteristics over recommended ranges of supply voltage and
operating free-air temperature (unless otherwise noted)
SD16_A, power supply and recommended operating conditions (MSP430x20x3 only)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
AVCC
Analog supply voltage range
AVCC =DVCC =VCC
AVSS =DVSS =VSS =0V
2.5
3.6
V
GAIN 1 2
-40--85°C
730
1050
GAIN: 1,2
105°C
1170
SD16LP = 0,
f
1 MHz
GAIN 4 8 16
-40--85°C
3 V
810
1150
A
fSD16 =1MHz,
SD16OSR = 256
GAIN: 4,8,16
105°C
3 V
1300
μA
I
Analog supply current
SD16OSR = 256
GAIN 32
-40--85°C
1160
1700
ISD16
Analog supply current
including internal reference
GAIN: 32
105°C
1850
GAIN 1
-40--85°C
720
1030
SD16LP = 1,
f
0 5 MHz
GAIN: 1
105°C
3 V
1160
A
fSD16 =0.5 MHz,
SD16OSR = 256
GAIN 32
-40--85°C
3 V
810
1150
μA
SD16OSR = 256
GAIN: 32
105°C
1300
fSD16
SD16 input clock frequency
SD16LP = 0
(Low power mode disabled)
3V
0.03
1
1.1
MHz
fSD16
SD16 input clock frequency
SD16LP = 1
(Low power mode enabled)
3V
0.03
0.5
MHz
SD16_A, input range (MSP430x20x3 only)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
V
Differential full scale input voltage
Bipolar Mode, SD16UNI = 0
--(VREF/2)/
GAIN
+(VREF/2)/
GAIN
mV
VID,FSR
Differential full scale input voltage
range (see Note 1)
Unipolar Mode, SD16UNI = 1
0
+(VREF/2)/
GAIN
mV
SD16GAINx=1
±500
SD16GAINx=2
±250
V
Differential input voltage range
for specified performance
SD16REFON 1
SD16GAINx=4
±125
mV
VID
for specified performance
(see Note 1)
SD16REFON=1
SD16GAINx=8
±62
mV
(see Note 1)
SD16GAINx=16
±31
SD16GAINx=32
±15
Z
Input impedance
f
1MHz
SD16GAINx=1
3V
200
kΩ
ZI
Input impedance
(one input pin to AVSS)
fSD16 =1MHz
SD16GAINx=32
3V
75
kΩ
Z
Differential Input impedance
f
1MHz
SD16GAINx=1
3V
300
400
kΩ
ZID
Differential Input impedance
(IN+ to IN--)
fSD16 =1MHz
SD16GAINx=32
3V
100
150
kΩ
VI
Absolute input voltage range
AVSS
-0.1V
AVCC
V
VIC
Common-mode input voltage
range
AVSS
-0.1V
AVCC
V
NOTES: 1. The analog input range depends on the reference voltage applied to VREF.IfVREF is sourced externally, the full-scale range
is defined by VFSR+ =+(VREF/2)/GAIN and VFSR-- =--(VREF/2)/GAIN. The analog input range should not exceed 80% of
VFSR+ or VFSR--.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com