Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ860 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VNQ860
Description  QUAD CHANNEL HIGH SIDE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ860 Datasheet(HTML) 1 Page - STMicroelectronics

  VNQ860 Datasheet HTML 1Page - STMicroelectronics VNQ860 Datasheet HTML 2Page - STMicroelectronics VNQ860 Datasheet HTML 3Page - STMicroelectronics VNQ860 Datasheet HTML 4Page - STMicroelectronics VNQ860 Datasheet HTML 5Page - STMicroelectronics VNQ860 Datasheet HTML 6Page - STMicroelectronics VNQ860 Datasheet HTML 7Page - STMicroelectronics VNQ860 Datasheet HTML 8Page - STMicroelectronics VNQ860 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
January 2003
1/10
®
6
P
VNQ860
/ VNQ860SP
QUAD CHANNEL HIGH SIDE DRIVER
(*) Per each channel
s
CMOS COMPATIBLE I/Os
s
UNDERVOLTAGE & OVERVOLTAGE
nSHUT- DOWN
s
SHORTED LOAD PROTECTION
s
THERMAL SHUTDOWN
s
VERY LOW STAND-BY CURRENT
s
PROTECTION AGAINST LOSS OF GROUND
DESCRIPTION
The VNQ860, VNQ860SP are monolithic devices
made using| STMicroelectronics VIPower M0-3
Technology, intended for driving any kind load
with one side connected to ground. Active current
limitation combined with thermal shutdown and
automatic restart protect the device against
overload. Device automatically turns off in case of
ground
pin
disconnection.
This
device
is
especially suitable for industrial applications in
norms conformity with IEC1131 (Programmable
Controllers International Standard).
TYPE
RDS(on) (*)
IOUT
VCC
VNQ860
VNQ860SP
270m
Ω
0.25A
36V
1
SO-20
VCC
Power CLAMP
GND
I/O 1
STATUS
OUTPUT1
CURRENT LIMITER
Power CLAMP
OUTPUT2
CURRENT LIMITER
Power CLAMP
OUTPUT3
CURRENT LIMITER
Power CLAMP
OUTPUT4
CURRENT LIMITER
I/O 2
OVERTEMP
I/O 3
I/O 4
VCC
CLAMP
LOGIC
UNDERVOLTAGE
DETECTION
OVERVOLTAGE
DETECTION
OVERTEMP
OVERTEMP
OVERTEMP
1
10
PowerSO-10™
ORDER CODES
SO-20
PowerSO-10™
VNQ860
VNQ860SP
BLOCK DIAGRAM


Similar Part No. - VNQ860

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ860 STMICROELECTRONICS-VNQ860 Datasheet
288Kb / 15P
QUAD CHANNEL HIGH SIDE DRIVER
07-Nov-2005
VNQ860 STMICROELECTRONICS-VNQ860 Datasheet
400Kb / 19P
Quad channel high side driver
07-Jul-2008
VNQ860-E STMICROELECTRONICS-VNQ860-E Datasheet
288Kb / 15P
QUAD CHANNEL HIGH SIDE DRIVER
07-Nov-2005
VNQ860-E STMICROELECTRONICS-VNQ860-E Datasheet
400Kb / 19P
Quad channel high side driver
07-Jul-2008
VNQ860-E STMICROELECTRONICS-VNQ860-E Datasheet
682Kb / 19P
Quad channel high-side driver
15-Mar-2013
More results

Similar Description - VNQ860

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ810 STMICROELECTRONICS-VNQ810 Datasheet
316Kb / 21P
QUAD CHANNEL HIGH SIDE DRIVER
Jul-2004
VNQ830M STMICROELECTRONICS-VNQ830M Datasheet
315Kb / 20P
QUAD CHANNEL HIGH SIDE DRIVER
Jan-2003
VNQ690SP-E STMICROELECTRONICS-VNQ690SP-E Datasheet
187Kb / 20P
QUAD CHANNEL HIGH SIDE DRIVER
Oct-2004
VNQ860-E STMICROELECTRONICS-VNQ860-E Datasheet
288Kb / 15P
QUAD CHANNEL HIGH SIDE DRIVER
07-Nov-2005
VNQ600P-E STMICROELECTRONICS-VNQ600P-E Datasheet
220Kb / 20P
QUAD CHANNEL HIGH SIDE DRIVER
Oct-2004
VNQ810M-E STMICROELECTRONICS-VNQ810M-E Datasheet
216Kb / 21P
QUAD CHANNEL HIGH SIDE DRIVER
Oct-2004
VNQ860-E STMICROELECTRONICS-VNQ860-E_08 Datasheet
400Kb / 19P
Quad channel high side driver
07-Jul-2008
VNQ500PEPTR-E STMICROELECTRONICS-VNQ500PEPTR-E Datasheet
600Kb / 17P
QUAD CHANNEL HIGH SIDE DRIVER
Jun-2005
VNQ860TR-E STMICROELECTRONICS-VNQ860TR-E Datasheet
682Kb / 19P
Quad channel high-side driver
15-Mar-2013
VNQ500 STMICROELECTRONICS-VNQ500 Datasheet
239Kb / 24P
Quad channel high-side driver
September 2013 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com