Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ860 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VNQ860
Description  QUAD CHANNEL HIGH SIDE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ860 Datasheet(HTML) 3 Page - STMicroelectronics

  VNQ860 Datasheet HTML 1Page - STMicroelectronics VNQ860 Datasheet HTML 2Page - STMicroelectronics VNQ860 Datasheet HTML 3Page - STMicroelectronics VNQ860 Datasheet HTML 4Page - STMicroelectronics VNQ860 Datasheet HTML 5Page - STMicroelectronics VNQ860 Datasheet HTML 6Page - STMicroelectronics VNQ860 Datasheet HTML 7Page - STMicroelectronics VNQ860 Datasheet HTML 8Page - STMicroelectronics VNQ860 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
VNQ860 / VNQ860SP
THERMAL DATA
(*) When mounted on FR4 printed circuit board with 0.5 cm2 of copper area (at least 35
µ thick) connected to all V
CC pins.
ELECTRICAL CHARACTERISTICS (8V<VCC<36V; -40
oC<Tj<150oC; unless otherwise specified)
POWER
SWITCHING (VCC=24V) (Per channel)
PROTECTIONS (Per channel)
Symbol
Parameter
Value
Unit
SO-20
PowerSO-10
Rtj-amb
Thermal resistance junction-pins
(MAX)
8
-
oC/W
Rtj-case
Thermal resistance junction-ambient (*)
(MAX)
58
50
oC/W
Rtj-pin
Thermal resistance junction-case
(MAX)
-
1.4
oC/W
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VCC
Operating supply voltage
5.5
36
V
VUSD
Undervoltage shut-down
3
4
5.5
V
VOV
Overvoltage shut-down
36
42
48
V
RON
On state resistance
(per channel)
IOUT=0.25A; Tj=25
oC
IOUT=0.25A
270
540
m
Ω
m
Ω
IS
Supply current
Off state;
VCC=24V; Tc=25
oC
On state (all channels on)
70
5
120
10
µA
mA
ILGND
Output current
VCC-VSTAT=VIN=VGND=24V
VOUT=0V
1mA
IL(off)
Off state output current
VIN=VOUT=0V
0
10
µA
IOUTleak
Off state output leakage
current
VIN=VGND=0V; VCC=VOUT=24V;
Tamb=25
oC
240
µA
IOUTleak
Off state output leakage
current
VIN=VGND=0V; VCC=24V;
VOUT=10V; Tamb=25
oC
100
µA
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
tD(on)
Turn-on delay time
RL=96Ω from VIN rising edge to
VOUT =2.4V
10
µs
tD(off)
Turn-off delay time
RL=96Ω from VIN falling edge to
VOUT=21.6V
40
µs
(dVOUT/dt)on Turn-on voltage slope
RL=96Ω from VOUT=2.4V to 19.2V
0.75
V
/µs
(dVOUT/dt)off Turn-off voltage slope
RL=96Ω from VOUT=21.6V to 2.4V
0.25
V
/µs
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Ilim
Current limitation
0.35
0.7
1.1
A
T(hyst)
Thermal hysteresis
7
15
oC
TTSD
Thermal shut-down
temperature
150
175
200
oC
TR
Reset temperature
135
oC
Vdemag
Turn-off output clamp voltage IOUT=0.25A
VCC-47 VCC-52 VCC-59
V
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com