Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ860 Datasheet(PDF) 2 Page - STMicroelectronics

Part # VNQ860
Description  QUAD CHANNEL HIGH SIDE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ860 Datasheet(HTML) 2 Page - STMicroelectronics

  VNQ860 Datasheet HTML 1Page - STMicroelectronics VNQ860 Datasheet HTML 2Page - STMicroelectronics VNQ860 Datasheet HTML 3Page - STMicroelectronics VNQ860 Datasheet HTML 4Page - STMicroelectronics VNQ860 Datasheet HTML 5Page - STMicroelectronics VNQ860 Datasheet HTML 6Page - STMicroelectronics VNQ860 Datasheet HTML 7Page - STMicroelectronics VNQ860 Datasheet HTML 8Page - STMicroelectronics VNQ860 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2/10
VNQ860 / VNQ860SP
1
ABSOLUTE MAXIMUM RATING
CONNECTION DIAGRAM
CURRENT AND VOLTAGE CONVENTIONS
Symbol
Parameter
Value
Unit
SO-20
PowerSO-10
VCC
DC supply voltage
41
V
- VCC
Reverse DC supply voltage
- 0.3
V
- IGND
DC reverse ground pin current
- 200
mA
IOUT
DC output current
Internally Limited
A
- IOUT
Reverse DC output current
- 2
A
IIN
DC Input current
+/- 10
mA
VIN
Input voltage range
-3/+VCC
V
VSTAT
DC Status voltage
+ VCC
V
VESD
Electrostatic discharge (R=1.5 K
Ω; C=100 pF)
2000
V
Ptot
Power dissipation TC=25 °C
16
90
W
Tj
Junction operating temperature
Internally Limited
°C
Tc
Case operating temperature
- 40 to 150
°C
Tstg
Storage temperature
- 55 to 150
°C
ICC
IGND
OUTPUT 3
VCC
GND
I/O2
IOUT3
VCC
VOUT4
OUTPUT 2
IOUT2
VOUT3
I/O1
II/O1
OUTPUT 1
IOUT1
OUTPUT 4
IOUT4
VOUT2
VOUT1
II/O2
II/O4
ISTAT
I/O 4
I/O 3
STATUS
VI/O4
VI/O3
II/O3
VI/O2
VI/O1
VSTAT
N.C.
VCC
VCC
VCC
VCC
GROUND
OUTPUT 3
I/O 3
OUTPUT 1
VCC
VCC
VCC
VCC
I/O 4
N.C.
OUTPUT 4
1
10
11
20
I/O 2
OUTPUT 2
STATUS
I/O 1
1
2
3
4
5
6
7
8
9
10
TAB
OUTPUT 2
I/O 2
STATUS
I/O 1
OUTPUT 1
OUTPUT 3
I/O 3
GND
I/O 4
OUTPUT 4
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com