Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP0417AA4 Datasheet(PDF) 10 Page - FIDELIX

Part # CMP0417AA4
Description  256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMP0417AA4 Datasheet(HTML) 10 Page - FIDELIX

Back Button CMP0417AA4 Datasheet HTML 4Page - FIDELIX CMP0417AA4 Datasheet HTML 5Page - FIDELIX CMP0417AA4 Datasheet HTML 6Page - FIDELIX CMP0417AA4 Datasheet HTML 7Page - FIDELIX CMP0417AA4 Datasheet HTML 8Page - FIDELIX CMP0417AA4 Datasheet HTML 9Page - FIDELIX CMP0417AA4 Datasheet HTML 10Page - FIDELIX CMP0417AA4 Datasheet HTML 11Page - FIDELIX CMP0417AA4 Datasheet HTML 12Page - FIDELIX  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CMP0417AAx-E
CMOS LPRAM
Revision 0.5
Aug. 2006
10
LOW POWER MODES
Address
/CS
/UB, /LB
/WE
tWC
tWR(4)
tBW
tWP(1)
tCW(2)
tAS(3)
tAW
/ZZ
tZZWE
Register Write Start
Register Write
Complete
Register Update
Complete
The register update take place on the rising edge of /ZZ. Once the register is updated, the next time /ZZ goes low, without any
updates to the register starting within the tZZWE max time of 1us, the part will refresh the array selected. The data bus is a
don’t care When /ZZ is low during the register updates.
1. Mode Register Set
A0
A1
A2
A3
A4
A17 ~ A5
Array Refresh Area
Half Selection
Array On/Off
on /ZZ
1
0
Array On/Off on /ZZ
Reduced Memory Size Mode
1
Partial Array Refresh Mode (Default)
0
Type
A3
Note: The RMS(Reduced Memory Size) mode is enabled after
/ZZ goes high and remains enabled after /ZZ goes high. To
change to a different mode, the mode register will have to be
rewritten.
Half Selection (Top / Bottom)
Top
1
Bottom (Default)
0
Type
A2
Array Refresh Area
RFU1)
1
0
½ Array
0
1
1
0
A1
¼ Array
1
Full Array (Default)
0
Type
A0
2. MRS Update
Reduced Memory Size Mode
1
Partial Array Refresh Mode (Default)
0
Type
A3
1. RFU : Reserved for the Future Use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com