Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP0417AA4 Datasheet(PDF) 3 Page - FIDELIX

Part # CMP0417AA4
Description  256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMP0417AA4 Datasheet(HTML) 3 Page - FIDELIX

  CMP0417AA4 Datasheet HTML 1Page - FIDELIX CMP0417AA4 Datasheet HTML 2Page - FIDELIX CMP0417AA4 Datasheet HTML 3Page - FIDELIX CMP0417AA4 Datasheet HTML 4Page - FIDELIX CMP0417AA4 Datasheet HTML 5Page - FIDELIX CMP0417AA4 Datasheet HTML 6Page - FIDELIX CMP0417AA4 Datasheet HTML 7Page - FIDELIX CMP0417AA4 Datasheet HTML 8Page - FIDELIX CMP0417AA4 Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CMP0417AAx-E
CMOS LPRAM
Revision 0.5
Aug. 2006
3
PRODUCT LIST
48-FBGA, 70ns, VCC=3.0V, VCCQ=3.0V(2.5V,1.8V)
CMP0417AAx-F70E
Function
Part Name
Extended Temperature Products(-25~85’C)
ABSOLUTE MAXIMUM RATINGS1)
’C
-25 to 85
TA
Operating Temperature
’C
-65 to 150
TSTG
Storage temperature
W
1.0
PD
Power Dissipation
V
-0.2 to 3.6
Vcc
Voltage on Vcc supply relative to Vss
V
-0.2 to Vcc+0.3V
VIN, VOUT
Voltage on any pin relative to Vss
Unit
Ratings
Symbol
Item
1. Stresses greater than those listed under
“Absolute Maximum Ratings”
may cause permanent damage to the device. Functional
operation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods
may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS1)
-0.23)
0.8VCCQ
0
2.7
2.7
Min
CMP0417AA
0.2VCCQ
VCC+0.22)
0
3.3
3.3
Max
-0.23)
0.8VCCQ
0
2.25
2.7
Min
0.2VCCQ
VCC+0.22)
0
2.75
3.3
Max
1.95
V
3.3
2.7
VCC
Supply voltage
0.2VCCQ
VCC+0.22)
0
Max
V
-0.23)
VIL
Input low voltage
V
0.8VCCQ
VIH
Input high voltage
V
0
VSS
Ground
V
1.65
VCCQ
I/O operating voltage (VCCQ ≤ VCC)
Unit
Min
Symbol
Item
Note :
1.TA=-25 to 85’C, otherwise specified.
2. Overshoot : Vcc+1.0V in case of pulse width≤20ns.
3. Undershoot : -1.0V in case of pulse width≤20ns.
4. Overshoot and undershoot are sampled, not 100% tested.
FUNCTIONAL DESCRIPTION
DPD2)
Deselected
High-Z
High-Z
X1)
X1)
X1)
X1)
L
X1)
Active
Word Write
Din
Din
L
L
Active
Upper Byte Write
Din
High-Z
L
H
Active
Lower Byte Write
High-Z
Din
H
L
L
X1)
Active
Word Read
Dout
Dout
L
L
Active
Upper Byte Read
Dout
High-Z
L
H
Active
Lower Byte Read
High-Z
Dout
H
L
H
L
H
L
Active
Output Disabled
High-Z
High-Z
L
X1)
H
H
H
Active
Output Disabled
High-Z
High-Z
X1)
L
H
H
H
L
Standby
Deselected
High-Z
High-Z
H
H
X1)
X1)
H
X1)
Low Power Modes3)
Deselected
High-Z
High-Z
X1)
X1)
X1)
X1)
L
H
Standby
Deselected
High-Z
High-Z
X1)
X1)
X1)
X1)
H
H
Power
Mode
I/O9-16
I/O1-8
/UB
/LB
/WE
/OE
/ZZ
/CS
1. X means don’t care.(Must be low or high state)
2. In case of CMP0417AA2 & CMP0417AA5 product
3. In case of CMP0417AA1 & CMP0417AA4 product
1. F=FBGA, G=FBGA(Pb-Free), H=FBGA(Pb-Free & Halogen Free), W=WAFER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com