Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP0417AA4 Datasheet(PDF) 11 Page - FIDELIX

Part # CMP0417AA4
Description  256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMP0417AA4 Datasheet(HTML) 11 Page - FIDELIX

Back Button CMP0417AA4 Datasheet HTML 4Page - FIDELIX CMP0417AA4 Datasheet HTML 5Page - FIDELIX CMP0417AA4 Datasheet HTML 6Page - FIDELIX CMP0417AA4 Datasheet HTML 7Page - FIDELIX CMP0417AA4 Datasheet HTML 8Page - FIDELIX CMP0417AA4 Datasheet HTML 9Page - FIDELIX CMP0417AA4 Datasheet HTML 10Page - FIDELIX CMP0417AA4 Datasheet HTML 11Page - FIDELIX CMP0417AA4 Datasheet HTML 12Page - FIDELIX  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CMP0417AAx-E
CMOS LPRAM
Revision 0.5
Aug. 2006
11
Partial Array Refresh Mode (A3=0, A4=1)
Reduced Memory Size Mode (A3=1, A4=1)
3. Deep Power Down Mode Entry/Exit
4. Address Information
2Mb
128Kbx16
20000h-3FFFFh
1/2
10
1
4Mb
256Kbx16
00000h-3FFFFh
Full
00
X
2Mb
128Kbx16
00000h-1FFFFh
1/2
10
0
Density
Size
Address
Refresh Section
A1,A0
A2
2Mb
128Kbx16
20000h-3FFFFh
1/2
10
1
2Mb
128Kbx16
00000h-1FFFFh
1/2
10
0
Density
Size
Address
Refresh Section
A1,A0
A2
ns
-
0
Chip Deselect to ZZ Low
tCDR
us
-
10
Low Power Mode Time
tZZmin
us
-
200
Operation Recovery Time
tR(Deep Power Down Mode only)
Units
Max
Min
Description
Parameter
tZZmin
vil
tCDR
vih
tR
/ZZ
/CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com