Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP0817BA1 Datasheet(PDF) 5 Page - FIDELIX

Part # CMP0817BA1
Description  512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMP0817BA1 Datasheet(HTML) 5 Page - FIDELIX

  CMP0817BA1 Datasheet HTML 1Page - FIDELIX CMP0817BA1 Datasheet HTML 2Page - FIDELIX CMP0817BA1 Datasheet HTML 3Page - FIDELIX CMP0817BA1 Datasheet HTML 4Page - FIDELIX CMP0817BA1 Datasheet HTML 5Page - FIDELIX CMP0817BA1 Datasheet HTML 6Page - FIDELIX CMP0817BA1 Datasheet HTML 7Page - FIDELIX CMP0817BA1 Datasheet HTML 8Page - FIDELIX CMP0817BA1 Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CMP0817BAx-E
CMOS LPRAM
Revision 0.5
Aug. 2006
5
AC OPERATING CONDITIONS
TEST CONDITIONS(Test Load and Input/Output Reference)
Input pulse level : 0.2 to VCC-0.2V
Input rising and falling time : 5ns
Input and output reference voltage : 0.5*VCCQ
Output load(see right) : CL=30pF+1TTL
AC CHARACTERISTICS(VCC=2.7V~3.3V, Extended product : TA=-25 to 85’C)
30pf
1TTL
Maximum Cycle Time
Page Mode Address Access Time
Page Mode Cycle Time
ns
-
25
tPC
Page
ns
25
-
tPAA
ns
80k
-
tMRC
ns
-
10
tCP
/CS High Pulse Width1)
ns
-
5
tOW
End Write to Output Low-Z
ns
-
0
tDH
Data Hold from Write Time
ns
-
20
tDW
Data to Write Time Overlap
ns
5
0
tWHZ
Write to Output High-Z
ns
-
0
tWR
Write Recovery Time
ns
-
50
tWP
Write Pulse Width
ns
-
60
tBW
/UB, /LB Valid to End of Write
ns
-
60
tAW
Address Valid to End of Write
ns
-
0
tAS
Address Set-up Time
ns
-
60
tCW
Chip Select to End of Write
ns
80k
70
tWC
Write Cycle Time
Write
ns
-
5
tOH
Output Hold from Address Change
ns
5
0
tOHZ
Output Disable to High- Z Output
ns
5
0
tBHZ
/UB, /LB Disable to High- Z Output
ns
5
0
tHZ
Chip Disable to High- Z Output
ns
-
5
tOLZ
Output Enable to Low-Z Output
70ns
ns
-
10
tBLZ
/UB, /LB Enable to Low-Z Output
ns
-
10
tLZ
Chip Select to Low-Z Output
ns
70
-
tBA
/UB, /LB Access Time
ns
25
-
tOE
Output Enable to Valid Output
ns
70
-
tCO
Chip Select to Output
ns
70
-
tAA
Address Access Time
ns
80k
70
tRC
Read Cycle Time
Read
Max
Min
Units
Symbol
Parameter List
1. /CS High Pulse Width is defined by /CS or (/UB and /LB) because /UB & /LB can make standby mode when /UB=High and /LB=High.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com