Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP0817BA1 Datasheet(PDF) 8 Page - FIDELIX

Part # CMP0817BA1
Description  512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMP0817BA1 Datasheet(HTML) 8 Page - FIDELIX

Back Button CMP0817BA1 Datasheet HTML 4Page - FIDELIX CMP0817BA1 Datasheet HTML 5Page - FIDELIX CMP0817BA1 Datasheet HTML 6Page - FIDELIX CMP0817BA1 Datasheet HTML 7Page - FIDELIX CMP0817BA1 Datasheet HTML 8Page - FIDELIX CMP0817BA1 Datasheet HTML 9Page - FIDELIX CMP0817BA1 Datasheet HTML 10Page - FIDELIX CMP0817BA1 Datasheet HTML 11Page - FIDELIX CMP0817BA1 Datasheet HTML 12Page - FIDELIX  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CMP0817BAx-E
CMOS LPRAM
Revision 0.5
Aug. 2006
8
WRITE CYCLE (2) (/CS controlled, /ZZ=/WE=VIH)
Address
/CS
/UB, /LB
/WE
Data Out
tWC
tWR(4)
tBW
tWP(1)
High-Z
High-Z
Data Valid
tDW
tDH
Data in
tCW(2)
tAS(3)
tAW
WRITE CYCLE (3) (/UB, /LB controlled, /ZZ=VIH)
1. A write occurs during the overlap (tWP) of low /CS and /WE. A write begins when /CS goes low and /WE goes low with
asserting /UB or /LB for single byte operation or simultaneously asserting /UB and /LB for double byte operation. A write
ends at the earliest transition when /CS goes high and WE goes high. The tWP is measured from the beginning of write to
the end of write.
2. tCW is measured from the /CS going low to end of write.
3. tAS is measured from the address valid to the beginning of write.
4. tWR is measured from the end of write to the address change. tWR applied in case a write ends as /CS or /WE going high.
5. Do not access device with cycle timing shorter than tRC(tWC) for continuous periods > 80us.
Address
/CS
/UB, /LB
/WE
Data Out
tWC
tWR(4)
tBW
tWP(1)
High-Z
High-Z
Data Valid
tDW
tDH
Data in
tCW(2)
tAW
tAS(3)
WRITE CYCLE (1) (/WE controlled, /ZZ=VIH)
Address
/CS
/UB, /LB
/WE
Data Out
tWC
tCW(2)
tWR(4)
tAW
tBW
tWP(1)
tAS(3)
High-Z
High-Z
Data Undefined
Data Valid
tDW
tDH
tOW
tWHZ
Data in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com