Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP0817BA1 Datasheet(PDF) 12 Page - FIDELIX

Part # CMP0817BA1
Description  512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMP0817BA1 Datasheet(HTML) 12 Page - FIDELIX

Back Button CMP0817BA1 Datasheet HTML 4Page - FIDELIX CMP0817BA1 Datasheet HTML 5Page - FIDELIX CMP0817BA1 Datasheet HTML 6Page - FIDELIX CMP0817BA1 Datasheet HTML 7Page - FIDELIX CMP0817BA1 Datasheet HTML 8Page - FIDELIX CMP0817BA1 Datasheet HTML 9Page - FIDELIX CMP0817BA1 Datasheet HTML 10Page - FIDELIX CMP0817BA1 Datasheet HTML 11Page - FIDELIX CMP0817BA1 Datasheet HTML 12Page - FIDELIX  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
CMP0817BAx-E
CMOS LPRAM
Revision 0.5
Aug. 2006
12
PACKAGE DIMENSION
48 BALL FINE PITCH BGA(0.75mm ball pitch)
Top View
B
#A1
Bottom View
Side View
Detail A
Unit : millimeters
0.08
-
-
Y
0.30
0.25
0.20
E2
-
0.75
-
E1
-
1.00
-
E
0.40
0.35
0.30
D
-
5.25
-
C1
8.10
8.00
7.90
C
-
3.75
-
B1
6.10
6.00
5.90
B
-
0.75
-
A
Max
Typ
Min
-
D
C
Y
NOTES.
1. Bump counts : 48(8row x 6column)
2. Bump pitch : (x,y)=(0.75 x 0.75)(typ.)
3. All tolerance are +/-0.050 unless
otherwise specified.
4. Typ : Typical
5. Y is coplanarity : 0.08(Max)
B
B/2
B1
0.05
0.05
A1 INDEX MARK
6
5
4
3
2
1
A
B
C
D
E
F
G
H
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com