Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS4A16LAH Datasheet(PDF) 4 Page - FIDELIX

Part # CMS4A16LAH
Description  128M(8Mx16) Low Power SDRAM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMS4A16LAH Datasheet(HTML) 4 Page - FIDELIX

  CMS4A16LAH Datasheet HTML 1Page - FIDELIX CMS4A16LAH Datasheet HTML 2Page - FIDELIX CMS4A16LAH Datasheet HTML 3Page - FIDELIX CMS4A16LAH Datasheet HTML 4Page - FIDELIX CMS4A16LAH Datasheet HTML 5Page - FIDELIX CMS4A16LAH Datasheet HTML 6Page - FIDELIX CMS4A16LAH Datasheet HTML 7Page - FIDELIX CMS4A16LAH Datasheet HTML 8Page - FIDELIX CMS4A16LAH Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
Rev. 0.5, May. ‘07
CMS4A16LAx–75Ex
4
Pin Configuration
VSS
DQ15
VSSQ
VDDQ
DQ0
VDD
DQ13
VDDQ
VSSQ
DQ2
DQ1
DQ14
DQ11
VSSQ
VDDQ
DQ4
DQ3
DQ12
DQ9
VDDQ
VSSQ
DQ6
DQ5
DQ10
NC
VSS
VDD
LDQM
DQ7
DQ8
CLK
CKE
/CAS
/RAS
/WE
UDQM
A11
A9
BA0
BA1
/CS
NC
A7
A6
A0
A1
A10
A8
A5
A4
A3
A2
VDD
VSS
54 ball 0.8mm pitch FBGA (8mm x 8mm)
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
G
H
J
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com