Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS4A16LAH Datasheet(PDF) 15 Page - FIDELIX

Part # CMS4A16LAH
Description  128M(8Mx16) Low Power SDRAM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMS4A16LAH Datasheet(HTML) 15 Page - FIDELIX

Back Button CMS4A16LAH Datasheet HTML 11Page - FIDELIX CMS4A16LAH Datasheet HTML 12Page - FIDELIX CMS4A16LAH Datasheet HTML 13Page - FIDELIX CMS4A16LAH Datasheet HTML 14Page - FIDELIX CMS4A16LAH Datasheet HTML 15Page - FIDELIX CMS4A16LAH Datasheet HTML 16Page - FIDELIX CMS4A16LAH Datasheet HTML 17Page - FIDELIX CMS4A16LAH Datasheet HTML 18Page - FIDELIX CMS4A16LAH Datasheet HTML 19Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
Rev. 0.5, May. ‘07
CMS4A16LAx–75Ex
15
Maximum Ratings
Voltage on VDD/VDDQ Supply
Relative to VSS…….. …….………………………...-0.5V to + 3.6V
Voltage on Inputs, NC or I/O Pins
Relative to VSS……... …….…………………….…. –0.5V to +3.6V
Storage Temperature(plastic) ………….………. -55℃ to + 150℃
Power Dissipation
………………………….….………………1W
*Stresses greater than those listed under “Maximum Ratings”
may cause permanent damage to the device.This is a stress
rating only, and functional operation of the device at these or
any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to abso-
lute maximum rating conditions for extended periods may affect
reliability.
Operating Range
[21.22.]
V
0.2
VOL
Data Output Low Voltage : Logic 0 : All Inputs(0.1mA)
㎂
5
-5
II
Input Leakage Current :
Any Input 0V=VIN=VDD (All other pins not under test=0V)
V
0.3
-0.3
VIL
Input Low Voltage : Logic 0 All Inputs [23.]
V
0.9* VDDQ
VOH
Data Output High Voltage : Logic 1 : All Inputs(-0.1mA)
V
1.95
1.7
VDDQ
V
VDDQ +0.3
0.8* VDDQ
VIH
Input High Voltage : Logic 1 All Inputs [23.]
V
1.95
1.7
VDD
I/O Supply Voltage
㎂
5
-5
lOZ
Output Leakage Current : DQs are disabled ; 0V= VOUT=VDDQ
Supply Voltage
Units
Max
Min
Symbol
Parameter / Condition
DC ELECTRICAL CHARACTERISTICS AND OPERATING CONDITIONS
Table 7. AC OPERATING CONDITIONS[21.22.23.24.25.26.]
V
0.5*VDDQ
Input and Output Measurement Reference Level
V
0.9* VDDQ
VIH
Input High Voltage : Logic 1 All Inputs
V
0.2
VIL
Input Low Voltage : Logic 0 All Inputs
Units
Value
Symbol
Parameter / Condition
-10℃ to +60℃
Special
CMS4A16LAx-xxES
0℃ to +70℃
Commercial
CMS4A16LAx-xxEC
-25℃ to +85℃
Extended
CMS4A16LAx-xxEE
1.7V to VDD
1.7V to 1.95V
-40℃ to +85℃
Industrial
CMS4A16LAx-xxEI
VDDQ
VDD
Ambient Temperature
Range
Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com