Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS4A16LAH Datasheet(PDF) 16 Page - FIDELIX

Part # CMS4A16LAH
Description  128M(8Mx16) Low Power SDRAM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMS4A16LAH Datasheet(HTML) 16 Page - FIDELIX

Back Button CMS4A16LAH Datasheet HTML 12Page - FIDELIX CMS4A16LAH Datasheet HTML 13Page - FIDELIX CMS4A16LAH Datasheet HTML 14Page - FIDELIX CMS4A16LAH Datasheet HTML 15Page - FIDELIX CMS4A16LAH Datasheet HTML 16Page - FIDELIX CMS4A16LAH Datasheet HTML 17Page - FIDELIX CMS4A16LAH Datasheet HTML 18Page - FIDELIX CMS4A16LAH Datasheet HTML 19Page - FIDELIX CMS4A16LAH Datasheet HTML 20Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
Rev. 0.5, May. ‘07
CMS4A16LAx–75Ex
16
Table 8. IDD Specifications and Conditions [21.22.26.27.].
Note :
21. The minimum specifications are used only to indicate cycle time at which proper operation over the full temperature range (-40°C = TA = +85°C for IT parts) is ensured.
22. An initial pause of 100µs is required after power-up, followed by two AUTO REFRESH commands, before proper device operation is ensured. (VDD and VDDQ must be
powered up simultaneously. VSS and VSSQ must be at same potential.) The two AUTO REFRESH command wake-ups should be repeated any time the tREF refresh
requirement is exceeded.
23. All states and sequences not shown are illegal or reserved.
24. In addition to meeting the transition rate specification, the clock and CKE must transit between VIH and VIL (or between VIL and VIH) in a monotonic manner.
25. tHZ defines the time at which the output achieves the open circuit condition; it is not a reference to VOH or VOL. The last valid data element will meet tOH before going High-Z.
26. AC timing and IDD tests have VIL and VIH, with timing referenced to VIH/2 = crossover point. If the input transition time is longer than tT (MAX), then the timing is referenced
at VIL (MAX) and VIH (MIN) and no longer at the VIH/2 crossover point.
27. IDD specifications are tested after the device is properly initialized.
28. IDD is dependent on output loading and cycle rates. Specified values are obtained with minimum cycle time and the outputs open.
29. The IDD current will increase or decrease proportionally according to the amount of frequency alteration for the test condition.
30. Input signals are changed one time during 20ns.
31. Unless otherwise note, input swing level is CMOS(V
IH/VIL=VDDQ/VSSQ).
32. CKE is HIGH during refresh command period tRFC (MIN) else CKE is LOW. The IDD 6 limit is actually a nominal value and does not result in a fail value
TA=25℃, f=1Mhz, VDD(typ)
Test Conditions
pF
pF
Units
CIN
Max
6
Output Capacitance
COUT
Input Capacitance
4
Description
Parameter
Capacitance[]
10
250
300
400
120
50
20
2
10
0.3
50
-75
㎃
Operating Current: Burst Mode: Continuous Burst ; Read or Write : All banks
Active, CAS Latency =3[28.29.30.] , tCK=10ns
㎃
Auto Refresh Current : tRC ≥ tRC(min), tCK=10ns
IDD5
㎂
Self Refresh Current : CKE
≤ 0.2V, 4 Banks, tCK= ∞
IDD6
㎂
Self Refresh Current : CKE
≤ 0.2V, 2 Banks , tCK= ∞
㎂
Self Refresh Current : CKE
≤ 0.2V, 1 Banks, tCK= ∞
㎂
Deep power down, tCK= ∞
IDD7
IDD4
㎃
Precharge Standby Current in non power down mode : CKE
≥ V
IH(min),
/CS
≥ V
IH(min)
[28.29.30,31.]
, tCK=10ns
IDD2N
㎃
Active Standby Current in power down mode; CKE
≤ V
IL(max)
[28.29,30.31.]
, tCK=10ns
IDD3P
㎃
Active Standby Current in non power down mode (One Bank Active);
CKE
≥ V
IH(min), /CS ≥ VIH(min)
[28.29,30.31.]
, tCK=10ns
IDD3N
㎃
㎃
Units
IDD1
Precharge Standby Current in power down mode : CKE
≤ V
IL(max) , tCK=10ns
IDD2P
Operating Current: Active Mode; Burst =2 ; Read or Write ; tRC ≥ tRC(min);
CAS Latency =3 [28.29.30.] , tCK=10ns
Description
Parameter
AC Test Loads
OUTPUT
Z0=50
Ω
50
Ω
30pF
VDDQ/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com