Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS3232LAF Datasheet(PDF) 35 Page - FIDELIX

Part # CMS3232LAF
Description  32M(1Mx32) Low Power SDRAM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMS3232LAF Datasheet(HTML) 35 Page - FIDELIX

Back Button CMS3232LAF Datasheet HTML 31Page - FIDELIX CMS3232LAF Datasheet HTML 32Page - FIDELIX CMS3232LAF Datasheet HTML 33Page - FIDELIX CMS3232LAF Datasheet HTML 34Page - FIDELIX CMS3232LAF Datasheet HTML 35Page - FIDELIX CMS3232LAF Datasheet HTML 36Page - FIDELIX CMS3232LAF Datasheet HTML 37Page - FIDELIX CMS3232LAF Datasheet HTML 38Page - FIDELIX CMS3232LAF Datasheet HTML 39Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
Rev0.2, Aug. 2006
CMS3232LAx-75Ex
command. This is shown in Figure 20. , where data n is the last
desired data element of a longer burst.
PRECHARGE
The PRECHARGE command (see Figure 21. ) is used to
deactivate the open row in a particular bank or the open row
in all banks. The bank(s) will be available for a subsequent
row access some specified time (tRP) after the PRECHARGE
command is issued. Input A10 determines whether one or all
banks are to be precharged, and in the case where only one
bank is to be precharged, inputs BS select the bank.
When all banks are to be precharged, inputs BS is
treated as “Don’t Care.” Once a bank has been precharged, it
is in the idle state and must be activated prior to any READ or
WRITE commands being issued to that bank.
POWER-DOWN
Power-down occurs if CKE is registered LOW coincident with
a NOP or COMMAND INHIBIT when no accesses are in
progress. If power-down occurs when all banks are idle, this
mode is referred to as precharge power-down; if power-down
occurs when there is a row active in any bank, this mode is
referred to as active power-down. Entering power-down
deactivates the input and output buffers, excluding CKE, for
maximum power savings while in standby. The device may
not remain in the power-down state longer than the refresh
period (64ms) since no refresh operations are performed in
this mode. The power-down state is exited by registering a
NOP or COMMAND INHIBIT and CKE HIGH at the desired
clock edge(meeting tCKS). See Figure 22. .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com