Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS3232LAF Datasheet(PDF) 9 Page - FIDELIX

Part # CMS3232LAF
Description  32M(1Mx32) Low Power SDRAM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMS3232LAF Datasheet(HTML) 9 Page - FIDELIX

Back Button CMS3232LAF Datasheet HTML 5Page - FIDELIX CMS3232LAF Datasheet HTML 6Page - FIDELIX CMS3232LAF Datasheet HTML 7Page - FIDELIX CMS3232LAF Datasheet HTML 8Page - FIDELIX CMS3232LAF Datasheet HTML 9Page - FIDELIX CMS3232LAF Datasheet HTML 10Page - FIDELIX CMS3232LAF Datasheet HTML 11Page - FIDELIX CMS3232LAF Datasheet HTML 12Page - FIDELIX CMS3232LAF Datasheet HTML 13Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
Rev0.2, Aug. 2006
CMS3232LAx-75Ex
7-6-5-4-3-2-1-0
7-0-1-2-3-4-5-6
1 1 1
4-5-6-7-0-1-2-3
4-5-6-7-0-1-2-3
1 0 0
5-4-7-6-1-0-3-2
5-6-7-0-1-2-3-4
1 0 1
6-7-4-5-2-3-0-1
6-7-0-1-2-3-4-5
1 1 0
1-0-3-2-5-4-7-6
1-2-3-4-5-6-7-0
0 0 1
2-3-0-1-6-7-4-5
2-3-4-5-6-7-0-1
0 1 0
3-2-1-0-7-6-5-4
3-4-5-6-7-0-1-2
0 1 1
3-2-1-0
3-0-1-2
1 1
A2 A1 A0
8
0-1-2-3-4-5-6-7
0-1-2-3-4-5-6-7
0 0 0
0-1-2-3
0-1-2-3
0 0
1-0-3-2
1-2-3-0
0 1
2-3-0-1
2-3-0-1
1 0
0-1
0-1
0
1-0
1-0
1
A1 A0
4
Not supported
Bn, Bn+1, Bn+2…..Bn,…
n=A0-A8(location 0-y)
Full Page(y)
A0
2
Type=Interleaved
Type=Sequential
Order of Accesses within a Burst
Starting Column Address
Burst Length
Table 2. Burst Length Definition.
Operating Mode
The normal operating mode is selected by setting M7 and M8
to zero; the other combinations of values for M7 and M8 are
reserved for future use and/or test modes. The programmed
burst length applies to both READ and WRITE bursts.Test
modes and reserved states should not be used because
unknown operation or incompatibility with future versions may
result.
CAS Latency
The CAS latency is the delay, in clock cycles, between the
registration of a READ command and the availability of the first
piece of output data. The latency can be set to one, two,
or three clocks. If a READ command is registered at clock
edge r, and the latency is q clocks, the data will be available
by clock edge r + q. The DQs will start driving as a result of
the clock edge one cycle earlier (r + q- 1), and provided that
the relevant access times are met, the data will be valid by
clock edge r + q. For example, assuming that the clock cycle
time is such that all relevant access times are met, if a READ
command is registered at T0 and the latency is programmed
to two clocks, the DQs will start driving after T1 and the data
will be valid by T2, as shown in Figure 2.
Reserved states should not be used as unknown operation or
incompatibility with future versions may result.
Write Burst Mode
When M9=0, the burst length programmed via M0-M2 applies to
both READ and WRITE bursts; when M9=1, the programmed
burst length applies to READ bursts, but write accesses are
single-location (non-burst) accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com