Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS3232LAF Datasheet(PDF) 46 Page - FIDELIX

Part # CMS3232LAF
Description  32M(1Mx32) Low Power SDRAM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMS3232LAF Datasheet(HTML) 46 Page - FIDELIX

Back Button CMS3232LAF Datasheet HTML 38Page - FIDELIX CMS3232LAF Datasheet HTML 39Page - FIDELIX CMS3232LAF Datasheet HTML 40Page - FIDELIX CMS3232LAF Datasheet HTML 41Page - FIDELIX CMS3232LAF Datasheet HTML 42Page - FIDELIX CMS3232LAF Datasheet HTML 43Page - FIDELIX CMS3232LAF Datasheet HTML 44Page - FIDELIX CMS3232LAF Datasheet HTML 45Page - FIDELIX CMS3232LAF Datasheet HTML 46Page - FIDELIX  
Zoom Inzoom in Zoom Outzoom out
 46 / 46 page
background image
Rev0.2, Aug. 2006
CMS3232LAx-75Ex
PACKAGE DIMENSION
90 BALL FINE PITCH BGA (8 x 13 x 1.2 mm)
Top View
Bottom View
Unit : millimeters
E
#A1
A1 INDEX MARK
9
8
7
6
5
4
3
2
1
D/2
e
E1
D1
Side View
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
K
L
M
N
P
R
G
H
J
A
B
C
D
E
F
K
L
M
N
P
R
G
H
J
E/2
e
b
E
A
A1
z
0.10
-
-
z
0.50
0.45
0.40
b
-
0.80
-
e
-
11.20
-
D1
-
13.00
-
D
-
6.40
-
E1
-
8.00
-
E
0.40
0.35
0.30
A1
1.20
-
-
A
Max
Typ
Min
-
Unit : mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com