Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS3232LAF Datasheet(PDF) 8 Page - FIDELIX

Part # CMS3232LAF
Description  32M(1Mx32) Low Power SDRAM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMS3232LAF Datasheet(HTML) 8 Page - FIDELIX

Back Button CMS3232LAF Datasheet HTML 4Page - FIDELIX CMS3232LAF Datasheet HTML 5Page - FIDELIX CMS3232LAF Datasheet HTML 6Page - FIDELIX CMS3232LAF Datasheet HTML 7Page - FIDELIX CMS3232LAF Datasheet HTML 8Page - FIDELIX CMS3232LAF Datasheet HTML 9Page - FIDELIX CMS3232LAF Datasheet HTML 10Page - FIDELIX CMS3232LAF Datasheet HTML 11Page - FIDELIX CMS3232LAF Datasheet HTML 12Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Rev0.2, Jan. 2007
CMS3232LAx-75xx
sequential and the interleaved burst types, and a full-page burst
is available for the sequential type. The full-page burst is used
in conjunction with the BURST TERMINATE command to gene-
rate arbitrary burst lengths. Reserved states should not be used,
as unknown operation or incompatibility with future versions
may result. When a READ or WRITE command is issued, a
block of columns equal to the burst length is effectively select-
ed. All accesses for that burst take place within this block,
meaning that the burst will wrap within the block if a boundary is
reached. The block is uniquely selected by A1-A7 when the
burst length is set to two; by A2-A7 when the burst length is
set to four; and by A3-A7 when the burst length is set to eight.
The remaining(least significant) address bit(s) is (are) used
to select the starting location within the block. Full-page
bursts wrap within the page if the boundary is reached.
Burst Type
The burst type can be set to either Sequential or Interleaved
by using the M3 bit in the Mode register. The ordering of
accesses within a burst is determined by the burst length, the
burst type and the starting column address, as shown in
Table 2. [4.5.6.7.8.9.10.]
Reserved
Reserved
1 0 1
Reserved
Reserved
1 1 0
8
8
0 1 1
Reserved
Reserved
1 0 0
2
2
0 0 1
4
4
0 1 0
Reserved
Full Page
1 1 1
1
1
0 0 0
M3=1
M3=0
Burst Length
M2 M1 M0
Reserved
1 1 1
Reserved
1 0 1
Reserved
1 1 0
3
0 1 1
Reserved
1 0 0
1
0 0 1
2
0 1 0
Reserved
0 0 0
CAS Latency
M6 M5 M4
Table 1. Mode Register Definition.
Interleaved
1
Sequential
0
Burst Type
M3
Prog. Burst Length
0
Single Mode Access
1
Write Burst Mode
M9
-
Defined
M6-M0
-
0
M7
All other states reserved
-
Standard Operation
0
Operating Mode
M8
Note :
4.
For full-page accesses: y = 256
5.
For a burst length of two, A1-A7 select the block-of-two burst; A0 selects the starting column within the block.
6.
For a burst length of four, A2-A7 select the block-of-four burst; A0-A1 select the starting column within the block.
7.
For a burst length of eight, A3-A7 select the block-of-eight burst; A0-A2 select the starting column within the block.
8.
For a full-page burst, the full row is selected and A0-A7 select the starting column.
9.
Whenever a boundary of the block is reached within a given sequence above, the following access wraps within the block.
10.
For a burst length of one, A0-A7 select the unique column to be accessed,and mode register bit M3 is ignored.
Reserved(Set to ‘0’)
CAS Latency
M6-A6
M5-A5
M4-A4
BT
M3-A3
Burst Length
M2-A2
M1-A1
WB
M9-A9
Op Mode
M8-A8
M7-A7
M0-A0
M10-
A10
M11-
BS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com