Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS3232LAF Datasheet(PDF) 16 Page - FIDELIX

Part # CMS3232LAF
Description  32M(1Mx32) Low Power SDRAM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMS3232LAF Datasheet(HTML) 16 Page - FIDELIX

Back Button CMS3232LAF Datasheet HTML 12Page - FIDELIX CMS3232LAF Datasheet HTML 13Page - FIDELIX CMS3232LAF Datasheet HTML 14Page - FIDELIX CMS3232LAF Datasheet HTML 15Page - FIDELIX CMS3232LAF Datasheet HTML 16Page - FIDELIX CMS3232LAF Datasheet HTML 17Page - FIDELIX CMS3232LAF Datasheet HTML 18Page - FIDELIX CMS3232LAF Datasheet HTML 19Page - FIDELIX CMS3232LAF Datasheet HTML 20Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
Rev0.2, Jan. 2007
CMS3232LAx-75xx
Table 8. IDD Specifications and Conditions [21.22.26.27.].
Note :
21. The minimum specifications are used only to indicate cycle time at which proper operation over the full temperature range (-40°C = TA = +85°C for IT parts) is ensured.
22. An initial pause of 100µs is required after power-up, followed by two AUTO REFRESH commands, before proper device operation is ensured. (VDD and VDDQ must be
powered up simultaneously. VSS and VSSQ must be at same potential.) The two AUTO REFRESH command wake-ups should be repeated any time the tREF refresh
requirement is exceeded.
23. All states and sequences not shown are illegal or reserved.
24. In addition to meeting the transition rate specification, the clock and CKE must transit between VIH and VIL (or between VIL and VIH) in a monotonic manner.
25. tHZ defines the time at which the output achieves the open circuit condition; it is not a reference to VOH or VOL. The last valid data element will meet tOH before going High-Z.
26. AC timing and IDD tests have VIL and VIH, with timing referenced to VIH/2 = crossover point. If the input transition time is longer than tT (MAX), then the timing is referenced
at VIL (MAX) and VIH (MIN) and no longer at the VIH/2 crossover point.
27. IDD specifications are tested after the device is properly initialized.
28. IDD is dependent on output loading and cycle rates. Specified values are obtained with minimum cycle time and the outputs open.
29. The IDD current will increase or decrease proportionally according to the amount of frequency alteration for the test condition.
30. Address transitions average one transition every two clocks.
31. Other input signals are allowed to transition no more than once every two clocks and are otherwise at valid VIH or VIL levels.
32. CKE is HIGH during refresh command period tRFC (MIN) else CKE is LOW. The IDD 6 limit is actually a nominal value and does not result in a fail value
TA=25℃, f=1Mhz, VDD(typ)
Test Conditions
pF
pF
Units
CIN
Max
6
Output Capacitance
COUT
Input Capacitance
4
Description
Parameter
Capacitance
AC Test Loads
OUTPUT
Z0=50
Ω
㎃
50
Operating Current : Burst Mode ; Continuous Burst ; Read or Write ; All banks
Active ; CAS Latency =3[28.29.30.]
IDD4
㎃
16
Active Standby Current in non Power Down Mode ; CS#=HIGH ; CKE=HIGH ; All
banks active after tRCD met ; No access in progress[28.30.31.]
IDD3n
㎃
70
Auto Refresh Current : tRC=tRC(min) CAS Latency=3 ; CKE,CS#=HIGH[28.29.30.32.32.]
IDD5
㎂
200
Self Refresh Current : CKE <=0.2V, 2 Banks
IDD6
㎂
150
Self Refresh Current : CKE <=0.2V, 1 Banks
㎂
10
Deep power down
IDD7
㎃
12
Precharge Standby Current in non ower down Mode; CKE=HIGH ; All banks Idle
IDD2n
㎃
2
Active Standby Current in Power Down Mode ; CS#=HIGH ; CKE=LOW ; All
banks active after tRCD met ; No access in progress[28.30.31.]
IDD3p
㎂
㎃
Units
IDD1
-75
300
Precharge Standby Current in Power Down Mode ; CKE=LOW ; All banks Idle
IDD2p
Operating Current : Active Mode ; Burst =1 ; Read or Write ; tRC= tRC(min);
CAS Latency =3 [28.29.30.]
50
Description
Parameter
50
Ω
30pF
VDDQ/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com