Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS3232LAF Datasheet(PDF) 3 Page - FIDELIX

Part # CMS3232LAF
Description  32M(1Mx32) Low Power SDRAM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMS3232LAF Datasheet(HTML) 3 Page - FIDELIX

  CMS3232LAF Datasheet HTML 1Page - FIDELIX CMS3232LAF Datasheet HTML 2Page - FIDELIX CMS3232LAF Datasheet HTML 3Page - FIDELIX CMS3232LAF Datasheet HTML 4Page - FIDELIX CMS3232LAF Datasheet HTML 5Page - FIDELIX CMS3232LAF Datasheet HTML 6Page - FIDELIX CMS3232LAF Datasheet HTML 7Page - FIDELIX CMS3232LAF Datasheet HTML 8Page - FIDELIX CMS3232LAF Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
Rev0.2, Jan. 2007
CMS3232LAx-75xx
Features
- Functionality
- Standard SDRAM Functionality
- Programmable burst lengths : 1, 2, 4, 8, or full page
- JEDEC Compatibility
-Low Power Features
- Low voltage power supply : 2.5V/3.0V
- Auto TCSR(Temperature Compensated Self Refresh)
- Partial Array Self Refresh power-saving mode
- Deep Power Down Mode
- Driver Strength Control
- Operating Temperature Ranges:
- Special (-10℃ to +60℃)
- Commercial (0℃ to +70℃)
- Extended (-25℃ to +85℃)
- Industrial (-40℃ to +85℃)
- LVCMOS Compatible IO Interface
- 90ball FBGA with 0.8mm ball pitch
- CMS3232LAF : Normal
- CMS3232LAG : Pb-Free
- CMS3232LAH : Pb-Free & Halogen Free
Functional Description
The CMS3232LAx-xxxx family is high-performance CMOS
Dynamic RAMs (DRAM) organized as 1M x 32. These devices
feature advanced circuit design to provide ultra-low active current
and extremely low standby current.This is ideal for providing
More Battery Life in portable applications such as wireless
handsets. The device is compatible with the JEDEC standard
LP-SDRAM specifications.
Selection Guide
20ns
20ns
7.5ns
100MHz
18ns
18ns
6ns
133MHz
1.65-VDD
2.3-3.3V
CMS3232LAx-75xx
t
RCD
CL=2
Access Time(t
AC)
CL=3
V
DDQ
V
DD
t
RP
Frequency
Voltage
Device
Column
Decoder
Bank 0
Row
Addr
Latch/
Decoder
Bank 1
Bank 0
Row
Addr
Latch/
Decoder
Bank 0
Memory
Array
2Kx8K
Sense Amp
Row
Add
Mux
Write Drivers
DQM Mask
READ DATA
LATCH
Data
Output
Reg
Column
Address
Latch
Bank
Control
Logic
Refresh
Counter
Addr
Reg
Data
Input
Reg
DQM0-
DQM3
DQ0 -
DQ31
Column
Decoder
Enhanced
Mode
Reg
Mode
Reg
Control
Logic
CKE
CLK
/CS
/WE
/CAS
/RAS
A0-A10
BS
Logic Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com